Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS73 Datasheet(PDF) 2 Page - MERITEK ELECTRONICS CORPORATION

Part # AS73
Description  Special passivation for moisture sensitive applications
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MERITEK [MERITEK ELECTRONICS CORPORATION]
Direct Link  http://www.meritekusa.com
Logo MERITEK - MERITEK ELECTRONICS CORPORATION

AS73 Datasheet(HTML) 2 Page - MERITEK ELECTRONICS CORPORATION

  AS73 Datasheet HTML 1Page - MERITEK ELECTRONICS CORPORATION AS73 Datasheet HTML 2Page - MERITEK ELECTRONICS CORPORATION AS73 Datasheet HTML 3Page - MERITEK ELECTRONICS CORPORATION AS73 Datasheet HTML 4Page - MERITEK ELECTRONICS CORPORATION AS73 Datasheet HTML 5Page - MERITEK ELECTRONICS CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
 
 
 
Rev. 7
 
Thin Film Anti-Sulfurated Chip Resistor
MERITEK
AS73 Series
Derating Curve
Standard Electrical Specifications
Item
Type
Power
Rating
at 70°C
Operating
Temp.
Range
Max.
Operating
Voltage
Max.
Overload
Voltage
Resistance Range
TCR
(PPM/°C)
±0.1%
±0.25%
±0.5%
±1%
1J (0603)
1/16W
-55 ~
+155°C
50V
100V
24.9Ω – 332K
±25
±50
2A (0805)
1/10W
-55 ~
+155°C
100V
200V
24.9Ω – 500KΩ
±25
±50
Operating Voltage=√(P*R) or Max. operating voltage listed above, whichever is lower.
Overload Voltage=2.5*√(P*R) or Max. overload voltage listed above, whichever is lower.
Special Electrical Specifications
Item
Type
Power
Rating
at 70°C
Operating
Temp.
Range
Max.
Operating
Voltage
Max.
Overload
Voltage
Resistance Range
TCR
(PPM/°C)
±0.05%
±0.1%
1J (0603)
1/16W
-55 ~
+155°C
50V
100V
24.9Ω – 12KΩ
±10
–
12.1KΩ – 332KΩ
±15
2A (0805)
1/10W
-55 ~
+155°C
100V
200V
24.9Ω – 15KΩ
±10
–
15.1KΩ – 500KΩ
±15
Operating Voltage=√(P*R) or Max. operating voltage listed above, whichever is lower.
Overload Voltage=2.5*√(P*R) or Max. overload voltage listed above, whichever is lower.
 
0
20
40
60
80
100
0
20
40
60
80
100
120
140
160
180
Ambient Temperature(℃)



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com