Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS73 Datasheet(PDF) 1 Page - MERITEK ELECTRONICS CORPORATION

Part # AS73
Description  Special passivation for moisture sensitive applications
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MERITEK [MERITEK ELECTRONICS CORPORATION]
Direct Link  http://www.meritekusa.com
Logo MERITEK - MERITEK ELECTRONICS CORPORATION

AS73 Datasheet(HTML) 1 Page - MERITEK ELECTRONICS CORPORATION

  AS73 Datasheet HTML 1Page - MERITEK ELECTRONICS CORPORATION AS73 Datasheet HTML 2Page - MERITEK ELECTRONICS CORPORATION AS73 Datasheet HTML 3Page - MERITEK ELECTRONICS CORPORATION AS73 Datasheet HTML 4Page - MERITEK ELECTRONICS CORPORATION AS73 Datasheet HTML 5Page - MERITEK ELECTRONICS CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
 
 
 
Rev. 7
 
Thin Film Anti-Sulfurated Chip Resistor
MERITEK
AS73 Series
 
Feature and Applications
 Special passivation for moisture sensitive applications
 Special materials, design, and processing for high sulfur applications
 Tolerances as low as 0.05% and TCR’s as low as 10 ppm.
 Test proven immunity to humidity, moisture, and sulfur
 RoHS Compliant / Lead Free
 Precision automotive and industrial motor controls, pump controls, dispensing systems
 Welding equipment
 Audio / video amplifiers
 Notebook and laptop motherboard
 Handheld instruments such as printers, scanners, and test instruments
 Base station and remote telecom applications
 Medical test and monitoring equipment.
PART NUMBERING SYSTEM
Recommend Land Pattern
AS73
F
2A
T
1001
F
Thin Film Anti-sulfurated Precision Resistors
TCR (PPM/°C)
C
D
F
G
±10
±15
±25
±50
Size
Code
1J
2A
Size
0603
0805
Packaging Code
Code
T
B
Packaging
Tape and Reel
Bulk
Resistance Value
24R9
1001
5003
24.9Ω
1KΩ
500KΩ
Resistance Tolerance
Code
A
B
C
D
F
Value
±0.05%
±0.1%
±0.25%
±0.5%
±1%
Construction
Dimensions
Unit: mm
Type
A
B
C
1J (0603)
0.80
1.00
0.90±0.2
2A(0805)
1.00
1.00
1.35±0.2
Alumina Substrate
Edge Electrode (NiCr)
Resistor Layer (NiCr)
BottomElectrode (NiCr)
Barrier Layer (Ni)
Overcoat (Epoxy)
Top Electrode (Cu)
External Electrode (Sn) Marking
Type
Size
(Inch)
L
W
T
D1
D2
Weight
(g)
(1000pcs)
1J
0603
1.55±0.10
0.80±0.10
0.45±0.10
0.30±0.20
0.30±0.20
1.83
2A
0805
2.00±0.15
1.25±0.15
0.55±0.10
0.30±0.20
0.40±0.25
4.71
L
T
D1
D2
W
Unit: mm
A 
B
C


Similar Part No. - AS73

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
AS73211 OSRAM-AS73211 Datasheet
2Mb / 66P
XYZ True Color Sensor with I²C Interface
v3-01 2018-Feb-07
AS73211-AQFM OSRAM-AS73211-AQFM Datasheet
2Mb / 66P
XYZ True Color Sensor with I²C Interface
v3-01 2018-Feb-07
AS73211-AQFT OSRAM-AS73211-AQFT Datasheet
2Mb / 66P
XYZ True Color Sensor with I²C Interface
v3-01 2018-Feb-07
AS7331 OSRAM-AS7331 Datasheet
2Mb / 72P
Spectral UVA/B/C Sensor
v4-00 2023-Mar-24
logo
ams-OSRAM AG
AS7331 AMSOSRAM-AS7331 Datasheet
2Mb / 72P
Spectral UVA/B/C Sensor
2023-Mar-24
More results

Similar Description - AS73

ManufacturerPart #DatasheetDescription
logo
COSMO Electronics Corp...
KL-170YGX COSMO-KL-170YGX Datasheet
165Kb / 9P
MOISTURE SENSITIVE devices
logo
Systemsensor advanced i...
B404B SYSTEMSENSOR-B404B Datasheet
343Kb / 4P
Duct Smoke Detector for Special Applications
logo
Extech Instruments Corp...
MO100 EXTECH-MO100 Datasheet
104Kb / 1P
Moisture Detector
MO250 EXTECH-MO250 Datasheet
107Kb / 6P
Moisture Meter
logo
Maxim Integrated Produc...
MAX16945 MAXIM-MAX16945 Datasheet
197Kb / 9P
Inverting Charge Pump in SOT23 for EMI-Sensitive Automotive Applications
Rev 1; 6/09
logo
Extech Instruments Corp...
MO300 EXTECH-MO300 Datasheet
471Kb / 2P
MO300 Moisture Hygro- Thermometer for Android
logo
STMicroelectronics
SD4933MR STMICROELECTRONICS-SD4933MR Datasheet
667Kb / 20P
50 V moisture resistant DMOS transistor for ISM applications
22-May-2013
logo
M/A-COM Technology Solu...
MASW-010612 MA-COM-MASW-010612_15 Datasheet
622Kb / 5P
Fast Settling Speed for timing-sensitive applications
logo
List of Unclassifed Man...
SDP1000 ETC2-SDP1000 Datasheet
431Kb / 10P
For cost sensitive HVAC and medical OEM applications
logo
WALSIN TECHNOLOGY CORPO...
MF12Q WALSIN-MF12Q Datasheet
1Mb / 13P
Special passivation layer on resistive file
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com