Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CC Datasheet(PDF) 2 Page - MERITEK ELECTRONICS CORPORATION

Part # CC
Description  dielectric layer between two electrodes.
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MERITEK [MERITEK ELECTRONICS CORPORATION]
Direct Link  http://www.meritekusa.com
Logo MERITEK - MERITEK ELECTRONICS CORPORATION

CC Datasheet(HTML) 2 Page - MERITEK ELECTRONICS CORPORATION

  CC Datasheet HTML 1Page - MERITEK ELECTRONICS CORPORATION CC Datasheet HTML 2Page - MERITEK ELECTRONICS CORPORATION CC Datasheet HTML 3Page - MERITEK ELECTRONICS CORPORATION CC Datasheet HTML 4Page - MERITEK ELECTRONICS CORPORATION CC Datasheet HTML 5Page - MERITEK ELECTRONICS CORPORATION CC Datasheet HTML 6Page - MERITEK ELECTRONICS CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
MERITEK
Ceramic Disc Capacitors
Class 1
CC Series
Temperature compensating disc capacitors
have a ceramic dielectric that is formulated to
provide predictable linear capacitance change
versus temperature change. This predictable
linear
capacitance
change
allows
the
temperature compensating disc capacitor to
be used in critical circuit applications such as
tuned circuits. A full range of values and
voltages is available.
SPECIFICATIONS
Operating Temperature
-25
oC to +85 oC
Capacitance
Measured at 1 ±0.1 MHz, 1Vrms at 25
oC
Temperature
Please refer to Page 4
Rated voltage
50V, 63V and 100V
Quality Factor
Measured at 1 ±0.1MHz, 1Vrms at 25
oC
C < 30pF Q=400 + 20C, C > 30pF Q=1000 min.
(C = Capacitance)
Tested voltage
250% of rated voltage with 50mA charging current max.
Insulation resistance
10,000 Mega ohms min. at rated voltage 60 sec.
Insulation coating
Phenolic coating applied by a wet dip method
CAPACITANCE RANGE (pF)
100WVDC & Under
TEMPERATURE CHARACTERISTIC
Color Code
Black
Red
Orange
Yellow
Green
Blue
Violet
D
∅ ±1mm
NPO
N75/N80
N150
N220
N330
N470
N750
SL (GP)
N1500
4
1-24
1-12
1-24
1-27
1-27
1-33
1-43
1-68
27-56
5
25-47
13-22
25-47
28-47
28-47
34-47
44-82
72-100
62-100
6
50-100
24-33
50-100
50-100
50-100
50-100
83-100
120-220
120-220
8
120-150
35-68
120-150
120-150
120-150
120-150
120-150
250-470
250-470
10
180-220
72-130
180-220
180-220
180-220
180-220
180-220
500-620
500-620
12
250-300
140-180
250-300
250-300
250-300
250-300
270-390
680-1000
620-1000



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com