Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CC Datasheet(PDF) 3 Page - MERITEK ELECTRONICS CORPORATION

Part # CC
Description  dielectric layer between two electrodes.
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MERITEK [MERITEK ELECTRONICS CORPORATION]
Direct Link  http://www.meritekusa.com
Logo MERITEK - MERITEK ELECTRONICS CORPORATION

CC Datasheet(HTML) 3 Page - MERITEK ELECTRONICS CORPORATION

  CC Datasheet HTML 1Page - MERITEK ELECTRONICS CORPORATION CC Datasheet HTML 2Page - MERITEK ELECTRONICS CORPORATION CC Datasheet HTML 3Page - MERITEK ELECTRONICS CORPORATION CC Datasheet HTML 4Page - MERITEK ELECTRONICS CORPORATION CC Datasheet HTML 5Page - MERITEK ELECTRONICS CORPORATION CC Datasheet HTML 6Page - MERITEK ELECTRONICS CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
MERITEK
Ceramic Disc Capacitors
Class 2
CC Series
Temperature stable and general-purpose
disc
capacitors are manufactured from a variety of high
K (dielectric constant) ceramic materials. Circuit
applications include bypass and coupling functions,
wherein a larger amount of capacitance is required
and the circuit is less sensitive to capacitance
change with temperature variations. A number of
dielectrics are offered along with a wide range of
capacitance values and voltage ratings.
SPECIFICATIONS
Operating Temperature
-30
oC to +85oC: Y5E, Y5P
+10
oC to +85oC: V5U, Z5V
Capacitance
Measured at 1 ±0.1KHz, 1Vrms at 25
oC
Temperature
Y5E: ±4.7%
Y5P: ±10%
Z5U: +22/-56%
Z5V: +22/-82%
Rated voltage
50V, 63V and 100V
Quality Factor
Measured at 1 ±0.1MHz, 1Vrms at 25
oC
Y5E, Y5P and Z5U: 2.5% max.
Z5V: 5.0% max.
Tested voltage
250% of rated voltage with 50mA charging current max.
Insulation resistance
10,000 Mega ohms min. at rated voltage 60 sec.
Insulation coating
Phenolic coating applied by a wet dip method
CAPACITANCE RANGE (pF)
100WVDC & Under
Temperature Characteristic
Diameter
D
∅ ±1mm
Y5E
Y5P
Z5U
Z5V
4
100-470
100-1000
1000-2700
1000-5000
5
500-680
1200-1500
3000-3900
5600-8200
6
820-1000
1800-2200
4000-5600
10000
8
1200-2700
2500-5600
6800-10000
22000-33000
10
3000-5600
6200-1000
200000
40000-50000



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com