Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CPTL Datasheet(PDF) 11 Page - MERITEK ELECTRONICS CORPORATION

Part # CPTL
Description  CPTD type are bare disc type
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MERITEK [MERITEK ELECTRONICS CORPORATION]
Direct Link  http://www.meritekusa.com
Logo MERITEK - MERITEK ELECTRONICS CORPORATION

CPTL Datasheet(HTML) 11 Page - MERITEK ELECTRONICS CORPORATION

Back Button CPTL Datasheet HTML 7Page - MERITEK ELECTRONICS CORPORATION CPTL Datasheet HTML 8Page - MERITEK ELECTRONICS CORPORATION CPTL Datasheet HTML 9Page - MERITEK ELECTRONICS CORPORATION CPTL Datasheet HTML 10Page - MERITEK ELECTRONICS CORPORATION CPTL Datasheet HTML 11Page - MERITEK ELECTRONICS CORPORATION CPTL Datasheet HTML 12Page - MERITEK ELECTRONICS CORPORATION CPTL Datasheet HTML 13Page - MERITEK ELECTRONICS CORPORATION CPTL Datasheet HTML 14Page - MERITEK ELECTRONICS CORPORATION CPTL Datasheet HTML 15Page - MERITEK ELECTRONICS CORPORATION Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
Rev. 7a
Ceramic PTC Thermistor
Overload Protection
MERITEK
CPTL / CPTD Series
RoHS
500VAC / 120°C
Part Number
Curie
Temperature
Nominal
Zero-power
Resistance
Non-operating
Current at 25°C
Trip Current
at 25
℃
Voltage
Maximum
Current
Dimensions
(Unit: mm)
Tc (℃ )
R25 (Ω)
IN (mA)
It (mA)
VR(VAC)
IMAX(A)
D
T
d±0.02
HMAX
CPTL05122
□A2E0
120±10
1200
15
30
500
0.1
7.0
5.0
0.6
10.5
CPTL05152
□A2E0
1500
12
24
500
0.1
7.0
5.0
0.6
10.5
Note:
□=Tolerance of R25
600VAC / 90°C
Part Number
Curie
Temperature
Nominal
Zero-power
Resistance
Non-operating
Current at 25°C
Trip Current
at 25
℃
Voltage
Maximum
Current
Dimensions
(Unit: mm)
Tc (℃ )
R25 (Ω)
IN (mA)
It (mA)
VR(VAC)
IMAX(A)
D
T
d±0.02
HMAX
CPTL05801
□P9F0
90±10
800
18
36
600
0.3
7.0
5.0
0.6
10.5
CPTL05102
□P9F0
1000
15
30
600
0.3
7.0
5.0
0.6
10.5
CPTL05132
□P9F0
1300
13
26
600
0.3
7.0
5.0
0.6
10.5
Note:
□=Tolerance of R25
600VAC / 100°C
Part Number
Curie
Temperature
Nominal
Zero-power
Resistance
Non-operating
Current at 25°C
Trip Current
at 25
℃
Voltage
Maximum
Current
Dimensions
(Unit: mm)
Tc (℃ )
R25 (Ω)
IN (mA)
It (mA)
VR(VAC)
IMAX(A)
D
T
d±0.02
HMAX
CPTL05152
□A0F0
100±10
1500
14
28
600
0.1
7.0
5.0
0.6
10.5
CPTL05272
□A0F0
2700
10
20
600
0.2
7.0
5.0
0.6
10.5
Note:
□=Tolerance of R25
Non-coating Series
Part Number
Curie
Temperature
Nominal
Zero-power
Resistance
Non-operating
Current at 25°C
Trip Current
at 25
℃
Voltage
Maximum
Current
Dimensions
(Unit: mm)
Tc (℃ )
R25 (Ω)
IN (mA)
It (mA)
VR(VAC)
IMAX(A)
D
T
d±0.02
HMAX
CPTL07131
□A2C8
120±10
130
45
90
380
1
7.5
7.0
0.6
12.5
CPTL08700
□A2C8
70
64
127
380
1.4
8.5
7.0
0.6
13.5
CPTL08121
□A2C8
120
49
100
380
1.4
8.5
7.0
0.6
12.5
CPTL08151
□A2C8
150
43
86
380
1.4
8.5
7.0
0.6
13.5
CPTL11250
□A2C8
25
123
245
380
2.0
12.5
7.0
0.6
16.5
CPTL11500
□A2C8
50
87
173
380
2.0
12.5
7.0
0.6
16.5
CPTL11800
□A2C8
80
69
137
380
2.0
12.5
7.0
0.6
16.5
CPTL11121
□A2C8
120
56
112
380
2.0
12.5
7.0
0.6
16.5
CPTL11151
□A2C8
150
50
100
380
2.0
12.5
7.0
0.6
16.5
CPTL08501
□A2E0
500
24
48
500
1.0
8.5
7.0
0.6
13.5
CPTL08112
□A2E0
120±10
1100
16
32
500
1.0
8.5
7.0
0.6
13.5
CPTL11501
□A2E0
500
28
55
500
1.4
12.5
7.0
0.6
16.5
CPTL11752
□A1J0
110±10
7500
8
17
1000
0.5
12.5
7.0
0.6
16.5
Note:
□=Tolerance of R25



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com