Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CPTL Datasheet(PDF) 13 Page - MERITEK ELECTRONICS CORPORATION

Part # CPTL
Description  CPTD type are bare disc type
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MERITEK [MERITEK ELECTRONICS CORPORATION]
Direct Link  http://www.meritekusa.com
Logo MERITEK - MERITEK ELECTRONICS CORPORATION

CPTL Datasheet(HTML) 13 Page - MERITEK ELECTRONICS CORPORATION

Back Button CPTL Datasheet HTML 9Page - MERITEK ELECTRONICS CORPORATION CPTL Datasheet HTML 10Page - MERITEK ELECTRONICS CORPORATION CPTL Datasheet HTML 11Page - MERITEK ELECTRONICS CORPORATION CPTL Datasheet HTML 12Page - MERITEK ELECTRONICS CORPORATION CPTL Datasheet HTML 13Page - MERITEK ELECTRONICS CORPORATION CPTL Datasheet HTML 14Page - MERITEK ELECTRONICS CORPORATION CPTL Datasheet HTML 15Page - MERITEK ELECTRONICS CORPORATION CPTL Datasheet HTML 16Page - MERITEK ELECTRONICS CORPORATION CPTL Datasheet HTML 17Page - MERITEK ELECTRONICS CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 13 / 17 page
background image
Rev. 7a
Ceramic PTC Thermistor
Overload Protection
MERITEK
CPTL / CPTD Series
RoHS
SOLDERING RECOMMENDATION
WAVE FLOW SOLDERING PROFILE
RECOMMENDED REWORKING CONDITIONS WITH SOLDERING IRON
Item
Conditions
Temperature of Soldering Iron-tip
360℃ (max.)
Soldering Time
3 sec (max.)
Distance from Thermistor
2 mm (min.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com