Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DG303ABK Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # DG303ABK
Description  TTL Compatible CMOS Analog Switches
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DG303ABK Datasheet(HTML) 4 Page - Maxim Integrated Products

  DG303ABK Datasheet HTML 1Page - Maxim Integrated Products DG303ABK Datasheet HTML 2Page - Maxim Integrated Products DG303ABK Datasheet HTML 3Page - Maxim Integrated Products DG303ABK Datasheet HTML 4Page - Maxim Integrated Products DG303ABK Datasheet HTML 5Page - Maxim Integrated Products DG303ABK Datasheet HTML 6Page - Maxim Integrated Products DG303ABK Datasheet HTML 7Page - Maxim Integrated Products DG303ABK Datasheet HTML 8Page - Maxim Integrated Products DG303ABK Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
TTL Compatible CMOS Analog Switches
4
_______________________________________________________________________________________
ELECTRICAL CHARACTERISTICS (Over Temperature) (continued)
(V+ = +15V, V- = -15V, GND = 0V, TA = Over Temperature Range, unless otherwise noted.)
Note 1: Signals on SX, DX, or INX exceeding V+ or V- are clamped by internal diodes. Limit diode forward current to maximum cur-
rent ratings.
Note 2: The algebraic convention whereby the most negative value is a minimum, and the most positive value is a maximum is used
in this data sheet.
Note 3: Typical values are for DESIGN AID ONLY, not guaranteed nor subject to production testing.
Note 4: OFF-isolation = 20 log VS , VS = input to OFF switch, VD = output.
VD
Typical Operating Characteristics
(TA = +25°C, unless otherwise noted.)



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com