Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DG303ABK Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # DG303ABK
Description  TTL Compatible CMOS Analog Switches
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DG303ABK Datasheet(HTML) 5 Page - Maxim Integrated Products

  DG303ABK Datasheet HTML 1Page - Maxim Integrated Products DG303ABK Datasheet HTML 2Page - Maxim Integrated Products DG303ABK Datasheet HTML 3Page - Maxim Integrated Products DG303ABK Datasheet HTML 4Page - Maxim Integrated Products DG303ABK Datasheet HTML 5Page - Maxim Integrated Products DG303ABK Datasheet HTML 6Page - Maxim Integrated Products DG303ABK Datasheet HTML 7Page - Maxim Integrated Products DG303ABK Datasheet HTML 8Page - Maxim Integrated Products DG303ABK Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
TTL Compatible CMOS Analog Switches
_______________________________________________________________________________________
5
+15V
GND
V-
-15V
V+
IN
S0
LOGIC
INPUT
VO
SWITCH
OUTPUT
RL
300
Ω
CL
33pF
VS = 3V
LOGIC "1" = SWITCH ON
+4V
VIHN
50%
LOGIC
INPUT
tR < 20ns
tF < 20ns
SWITCH
OUTPUT
0V
VS
0V
90%
10%
tON
tOFF
Figure 3. Switching Time Test Circuit
+15V
GND
V-
-15V
V+
IN
S2
S1
D2
D1
LOGIC
INPUT
VO1
VO2
SWITCH
OUTPUT
RL2
300
Ω
RL1
300
Ω
CL2
33pF
CL1
33pF
VS1 = 3V
VS2 = 3V
LOGIC "1" = SWITCH ON
+4V
VIHN
50%
0V
50%
50%
LOGIC
INPUT
SWITCH
OUTPUT
SWITCH
OUTPUT
0V
0V
VS2
VS1
VO1
VO2
tBBM
Figure 2. Break-Before-Make Time Test Circuit SPDT (DG301(A), DG303(A)
SX
DX
INX
RGEN
VGEN
VO
CL
10nF
∆VO
ON
VO
ON
INX
+4V
∆VO = ∆ MEASURED VOLTAGE ERROR DUE TO CHARGE INJECTION
THE ERROR VOLTAGE IN COULOMBS IS
∆Q = CL x ∆VO.
0V
OFF
Figure 1. Charge Injection Test Circuit
Test Circuits



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com