Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CST Datasheet(PDF) 3 Page - MERITEK ELECTRONICS CORPORATION

Part # CST
Description  High power rating up to 3 Watts in 2512 size
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MERITEK [MERITEK ELECTRONICS CORPORATION]
Direct Link  http://www.meritekusa.com
Logo MERITEK - MERITEK ELECTRONICS CORPORATION

CST Datasheet(HTML) 3 Page - MERITEK ELECTRONICS CORPORATION

  CST Datasheet HTML 1Page - MERITEK ELECTRONICS CORPORATION CST Datasheet HTML 2Page - MERITEK ELECTRONICS CORPORATION CST Datasheet HTML 3Page - MERITEK ELECTRONICS CORPORATION CST Datasheet HTML 4Page - MERITEK ELECTRONICS CORPORATION CST Datasheet HTML 5Page - MERITEK ELECTRONICS CORPORATION CST Datasheet HTML 6Page - MERITEK ELECTRONICS CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
 
 
 
Rev. 7
 
Thin Film Current Sensing Chip
Resistor
MERITEK
CST Series
 
Environmental Characteristics
 
Item
Requirement
Test Method
Temperature Coefficient of Resistance
(T.C.R.)
As Spec.
MIL-STD-202F Method 304
+25/-55/+25/+125/+25
C
Short Time Overload
±1%
JIS‐C‐5201‐15.5
RCWV*2.5orMax.overloadvoltagefor5seconds
Insulation Resistance
>1000MΩ
MIL‐STD‐202FMethod302
Apply100VDCfor1minute
Endurance
±1%
MIL-STD-202F Method 108A
70
2C, Max. working voltage for 1000 hrs with 1.5 hrs
“ON” and 0.5 hrs “OFF”
Damp Heat with Load
±0.5%
MIL-STD-202F Method 103B
40
2C, 90~95% R.H. Max. working voltage for 1000 hrs
with 1.5 hrs “ON” and 0.5 hrs “OFF”
Bending Strength
As Spec.
JIS‐C‐5201‐16.1.4
Bendingamplitude3mmfor10seconds
Solderability
95% min. coverage
MIL-STD-202F Method 208H
245
5C for 3 seconds
Resistance to Soldering Heat
±0.5%
MIL-STD-202F Method 210E
260
5C for 10 seconds
Dielectric Withstand Voltage
By Type
MIL-STD-202F Method 301
Apply Max. Overload Voltage for l minute
Thermal Shock
±0.5%
MIL-STD-202F Method 107G
-55
C ~150C, 100 cycles
Low Temperature Operation
±0.5%
JIS-C-5201-1 7.1
1 hour, -65
C followed by 45 minutes of RCWV
Storage Temperature: 25±3°C; Humidity < 80%RH
 
Reflow 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com