Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CST Datasheet(PDF) 1 Page - MERITEK ELECTRONICS CORPORATION

Part # CST
Description  High power rating up to 3 Watts in 2512 size
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MERITEK [MERITEK ELECTRONICS CORPORATION]
Direct Link  http://www.meritekusa.com
Logo MERITEK - MERITEK ELECTRONICS CORPORATION

CST Datasheet(HTML) 1 Page - MERITEK ELECTRONICS CORPORATION

  CST Datasheet HTML 1Page - MERITEK ELECTRONICS CORPORATION CST Datasheet HTML 2Page - MERITEK ELECTRONICS CORPORATION CST Datasheet HTML 3Page - MERITEK ELECTRONICS CORPORATION CST Datasheet HTML 4Page - MERITEK ELECTRONICS CORPORATION CST Datasheet HTML 5Page - MERITEK ELECTRONICS CORPORATION CST Datasheet HTML 6Page - MERITEK ELECTRONICS CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
 
 
 
Rev. 7
 
Thin Film Current Sensing Chip
Resistor
MERITEK
CST Series
 
Feature and Applications
 Thin film process
 High power rating up to 3 Watts in 2512 size
 Tight tolerance down to ±0.5%
 Extremely low TCR down to ±50 PPM/°C
 Resistance values from 50m to 1ohm
 High purity alumina substrate for high power dissipation
 Power Management Applications
 Switching Power Supply
 Over Current Protection in Audio Applications
 Voltage Regulation Module (VRM)
 DC-DC Converter, Battery Pack, Charger, Adaptor
 Automotive Engine Control
 Disk Driver
 Portable Devices (PDA, Cell Phone)
 
 
PART NUMBERING SYSTEM
Recommend Land Pattern
CST
0603
D
X
1R00 F
Current Sensing Chip Resistors
SIZE
0402
0603
0805
1206
2010
2512
TCR (PPM/°C)
D
E
F
±50
±100
±200
Power Rating
R
T
Q
U
V
W
X
Y
3W
1W
3/4W
1/2W
1/4W
1/8W
1/10W 1/16W
Resistance Value
R010
R100
1R00
0.01Ω
0.1Ω
1Ω
Resistance Tolerance
Code
D
F
Value
±0.5%
±1%
 
 
Derating Curve 
 
 
 
 
 
 
 
 
 
 
 
Type
A
B
C
CST0402
0.50
0.50
0.60±0.2
CST0603
0.80
1.00
0.90±0.2
CST0805
1.00
1.00
1.35±0.2
CST1206
2.00
1.15
1.70±0.2
CST2010
3.60
1.40
2.50±0.2
CST2512
4.90
1.60
3.10±0.2
0
20
40
60
80
100
0
20
40
60
80
100
120
140
160
180
Ambient Temperature(℃)
B 
A 
C
Unit: mm


Similar Part No. - CST

ManufacturerPart #DatasheetDescription
logo
Coilcraft lnc.
CST COILCRAFT-CST Datasheet
100Kb / 1P
Designer’s Kits
logo
Alpha Wire
CST-10 ALPHAWIRE-CST-10 Datasheet
95Kb / 3P
Customer Specification
9/8/2022
logo
List of Unclassifed Man...
CST-1005 ETC2-CST-1005 Datasheet
472Kb / 2P
Current Sense Transformers
logo
TRIAD MAGNETICS
CST-1005 TRIAD-CST-1005 Datasheet
86Kb / 1P
50/60 Hz Current Sense Transformers
logo
List of Unclassifed Man...
CST-1010 ETC2-CST-1010 Datasheet
472Kb / 2P
Current Sense Transformers
More results

Similar Description - CST

ManufacturerPart #DatasheetDescription
logo
Rohm
MCR_A ROHM-MCR_A Datasheet
143Kb / 7P
Full line up from ultra small size (01005) to 2512 with jumper type.
logo
TT Electronics.
LRMA3920 TTELEC-LRMA3920 Datasheet
669Kb / 4P
Standard power rating up to 5W
SC3 TTELEC-SC3 Datasheet
986Kb / 3P
3 watts in a 1 watt size package
logo
Wall Industries,Inc.
DCBOB3 WALL-DCBOB3 Datasheet
391Kb / 4P
Up to 3 Watts, DC/DC Power Converters
DCQEB50 WALL-DCQEB50 Datasheet
644Kb / 5P
Up to 50 Watts Output Power
logo
WALSIN TECHNOLOGY CORPO...
MR18X WALSIN-MR18X Datasheet
418Kb / 7P
High power rating and compact size
WF25P WALSIN-WF25P Datasheet
620Kb / 9P
High power rating and compact size
WF25H WALSIN-WF25H Datasheet
186Kb / 7P
High power rating and compact size
WK12L WALSIN-WK12L Datasheet
478Kb / 8P
High power rating and compact size
WK25S WALSIN-WK25S Datasheet
263Kb / 7P
High power rating and compact size
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com