Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX1069 Datasheet(PDF) 10 Page - Maxim Integrated Products

Part # MAX1069
Description  58.6ksps, 14-Bit, 2-Wire Serial ADC
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1069 Datasheet(HTML) 10 Page - Maxim Integrated Products

Back Button MAX1069 Datasheet HTML 6Page - Maxim Integrated Products MAX1069 Datasheet HTML 7Page - Maxim Integrated Products MAX1069 Datasheet HTML 8Page - Maxim Integrated Products MAX1069 Datasheet HTML 9Page - Maxim Integrated Products MAX1069 Datasheet HTML 10Page - Maxim Integrated Products MAX1069 Datasheet HTML 11Page - Maxim Integrated Products MAX1069 Datasheet HTML 12Page - Maxim Integrated Products MAX1069 Datasheet HTML 13Page - Maxim Integrated Products MAX1069 Datasheet HTML 14Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
58.6ksps, 14-Bit, 2-Wire Serial ADC
in a 14-Pin TSSOP
10
______________________________________________________________________________________
Typical Operating Characteristics (continued)
(DVDD = +3.0V, AVDD = +5.0V, fSCL = 1.7MHz (33% duty cycle), fSAMPLE = 58.6ksps, VREF = +4.096V, external reference applied to
REF, REFADJ = AVDD, CREF = 10µF, TA = +25°C, unless otherwise noted.)
SIGNAL-TO-NOISE RATIO
vs. FREQUENCY
FREQUENCY (kHz)
120
110
100
90
80
70
60
50
40
30
20
10
0
1
10
100
SPURIOUS-FREE DYNAMIC RANGE
vs. FREQUENCY
FREQUENCY (kHz)
120
110
100
90
80
70
60
50
40
30
20
10
0
1
10
100
DIFFERENTIAL NONLINEARITY
vs. DIGITAL OUTPUT CODE
DIGITAL OUTPUT CODE
12288
8192
4096
-0.8
-0.6
-0.4
-0.2
0
0.2
0.4
0.6
0.8
1.0
-1.0
0
16384
TOTAL HARMONIC DISTORTION
vs. FREQUENCY
FREQUENCY (kHz)
0
-10
-20
-30
-40
-50
-60
-70
-80
-90
-100
-110
-120
1
10
100
SINAD vs. FREQUENCY
FREQUENCY (kHz)
120
110
100
90
80
70
60
50
40
30
20
10
0
1
10
100
INTEGRAL NONLINEARITY
vs. DIGITAL OUTPUT CODE
DIGITAL OUTPUT CODE
12288
8192
4096
-0.8
-0.6
-0.4
-0.2
0
0.2
0.4
0.6
0.8
1.0
-1.0
0
16384
FFT
FREQUENCY (kHz)
23.44
17.56
11.72
5.86
-120
-100
-80
-60
-40
-20
0
-140
0
29.30
fSAMPLE = 58.6ksps
fIN(SINE WAVE) = 1kHz
VIN = VREF(P-P)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com