Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX1069 Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # MAX1069
Description  58.6ksps, 14-Bit, 2-Wire Serial ADC
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1069 Datasheet(HTML) 7 Page - Maxim Integrated Products

Back Button MAX1069 Datasheet HTML 3Page - Maxim Integrated Products MAX1069 Datasheet HTML 4Page - Maxim Integrated Products MAX1069 Datasheet HTML 5Page - Maxim Integrated Products MAX1069 Datasheet HTML 6Page - Maxim Integrated Products MAX1069 Datasheet HTML 7Page - Maxim Integrated Products MAX1069 Datasheet HTML 8Page - Maxim Integrated Products MAX1069 Datasheet HTML 9Page - Maxim Integrated Products MAX1069 Datasheet HTML 10Page - Maxim Integrated Products MAX1069 Datasheet HTML 11Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
58.6ksps, 14-Bit, 2-Wire Serial ADC
in a 14-Pin TSSOP
_______________________________________________________________________________________
7
ANALOG SUPPLY CURRENT vs. ANALOG
SUPPLY VOLTAGE (INTERNAL REFERENCE)
AVDD (V)
5.15
5.05
4.95
4.85
1.65
1.67
1.69
1.71
1.73
1.75
1.63
4.75
5.25
DVDD = 3V
TA = +85
°C
TA = +70
°C
TA = +25
°C
TA = 0
°C
TA = -40
°C
770
780
790
800
810
820
830
760
ANALOG SUPPLY CURRENT vs. ANALOG
SUPPLY VOLTAGE (EXTERNAL REFERENCE)
AVDD (V)
5.15
5.05
4.95
4.85
4.75
5.25
DVDD = 3V
TA = +85
°C
TA = +70
°C
TA = +25
°C
TA = 0
°C
TA = -40
°C
ANALOG SHUTDOWN CURRENT
vs. ANALOG SUPPLY VOLTAGE
AVDD (V)
5.15
5.05
4.95
4.85
200
100
300
400
500
600
700
0
4.75
5.25
TA = +85
°C
TA = +70
°C
TA = +25
°C
TA = 0
°C
TA = -40
°C
DVDD = 3V
fSAMPLE = 0
R/W = 0
DIGITAL SUPPLY CURRENT
vs. DIGITAL SUPPLY VOLTAGE
DVDD (V)
5.1
4.7
3.9
4.3
3.5
3.1
120
140
160
180
200
220
240
260
280
100
2.7
5.5
AVDD = 5V
TA = +85
°C
TA = -40
°C
DIGITAL SHUTDOWN CURRENT
vs. DIGITAL SUPPLY VOLTAGE
DVDD (V)
4.3
4.7
5.1
3.9
3.5
3.1
100
50
150
200
250
300
350
0
2.7
5.5
AVDD = 5V
fSAMPLE = 0
R/W = 0
TA = +70
°C
TA = +85
°C
TA = +25
°C
TA = 0
°C
TA = -40
°C
OFFSET ERROR
vs. TEMPERATURE
TEMPERATURE (
°C)
60
35
-15
10
-600
-400
-200
0
200
400
600
800
-800
-40
85
GAIN ERROR
vs. TEMPERATURE
TEMPERATURE (
°C)
60
35
-15
10
-0.006
-0.004
-0.002
0
0.002
0.004
0.006
0.008
-0.008
-40
85
Typical Operating Characteristics
(DVDD = +3.0V, AVDD = +5.0V, fSCL = 1.7MHz (33% duty cycle), fSAMPLE = 58.6ksps, VREF = +4.096V, external reference applied to
REF, REFADJ = AVDD, CREF = 10µF, TA = +25°C, unless otherwise noted.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com