Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF Datasheet(PDF) 1 Page - MERITEK ELECTRONICS CORPORATION

Part # RF
Description  High ripple current, low E.S.R. and long life
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MERITEK [MERITEK ELECTRONICS CORPORATION]
Direct Link  http://www.meritekusa.com
Logo MERITEK - MERITEK ELECTRONICS CORPORATION

RF Datasheet(HTML) 1 Page - MERITEK ELECTRONICS CORPORATION

  RF Datasheet HTML 1Page - MERITEK ELECTRONICS CORPORATION RF Datasheet HTML 2Page - MERITEK ELECTRONICS CORPORATION RF Datasheet HTML 3Page - MERITEK ELECTRONICS CORPORATION RF Datasheet HTML 4Page - MERITEK ELECTRONICS CORPORATION RF Datasheet HTML 5Page - MERITEK ELECTRONICS CORPORATION RF Datasheet HTML 6Page - MERITEK ELECTRONICS CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Rev. 7a
RF Series
(High R.C. , High Reliability) MERITEK
Aluminum Electrolytic Capacitors
Item
Characteristic
Operating Temp Range
- 40 ~ +105
C
- 25 ~ +105
C
Rated Working Voltage
160 ~ 400VDC
450VDC
Capacitance Tolerance
(120Hz 20
C)
 20%(M)
Leakage Current
(20
C)
I
 0.06CV+10(uA)
I : Leakage Current (
A)
C : Rated Capacitance(
F)
*After 2 minutes
V : Working Voltage (V)
Surge Voltage
(20
C)
W.V.
160
200
250
400
450
S.V.
200
250
300
450
500
Dissipation Factor ( tan
 )
(120Hz 20
C)
W.V.
160
200
250
400
450
tan

0.15
0.15
0.15
0.24
0.24
Low Temperature Stability
Impedance ratio at 120Hz
Rated Voltage (V)
160~250
400
450
-25
C / +20C
3
6
6
-40
C / +20C
4
6
-
Load Life
After hours (
D ≤ 8mm 2000hrs, D ≥ 10mm 3000hrs) application of W.V. and +105C ripple
current value , the capacitor shall meet the following limits. ( DC + ripple peak voltage
 rated
working voltage )
Capacitance Change
20% of initial value.
Dissipation Factor
 200% of initial specified value
Leakage Current
 initial specified value
Shelf Life
At +105
C no voltage application after 1000 hours, the capacitor shall meet the limits for load life
characteristics.
( with voltage treatment )
D
10
12.5
16
18
F
5.0
5.0
7.5
7.5
d
0.6
0.6
0.8
0.8
a
1.5
1.5
1.5
1.5
FEATURES
 High ripple current, low E.S.R. and long life.
 Suitable for electronic ballast, adaptor and switching power
SPECIFICATIONS
PART NUMBER SYSTEM
DIMENSIONS (mm)
RF 160V 101 M TA 16x25
Meritek Series
Rated Voltage
Rated Capacitance
Express in micro farad(uF), First two digits are
significant figures, Third digit denotes number of
zeros.
‘R’ denotes decimal point for values less
than 10uF
Tolerance
M -
20%
Package
Code
TA
TR
Blank
Tape & Ammo
Tape & Reel
Case size
– (D) Diameter x (L) Length in mm (Optional)


Similar Description - RF

ManufacturerPart #DatasheetDescription
logo
RUBYCON CORPORATION
35YXG1000M12.5X25 RUBYCON-35YXG1000M12.5X25 Datasheet
284Kb / 3P
105??High ripple current. Long Life.
35YXG1000MEFCG412.5X25 RUBYCON-35YXG1000MEFCG412.5X25 Datasheet
284Kb / 3P
105??High ripple current. Long Life.
50YXG220M10X16 RUBYCON-50YXG220M10X16 Datasheet
284Kb / 3P
105??High ripple current. Long Life.
25YXG100MEFC6.3X11 RUBYCON-25YXG100MEFC6.3X11 Datasheet
284Kb / 3P
105??High ripple current. Long Life.
logo
United Chemi-Con, Inc.
EGPD250E CHEMI-CON-EGPD250E Datasheet
446Kb / 3P
Long life, High ripple, 135?
EGPD350E CHEMI-CON-EGPD350E Datasheet
446Kb / 3P
Long life, High ripple, 135?
logo
Surge Components
SGS SURGE-SGS Datasheet
364Kb / 2P
Standard, Long life down size and high ripple current
SPK2S471MND3545 SURGE-SPK2S471MND3545 Datasheet
363Kb / 2P
Long life and high temperature, down size and high ripple current
logo
Cornell Dubilier Electr...
330 CDE-330_15 Datasheet
470Kb / 6P
High Ripple and Ultra-Long Life
AEB CDE-AEB Datasheet
710Kb / 7P
Low Impedance and Long Life for High Voltage, High Ripple Current Applications
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com