Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF Datasheet(PDF) 2 Page - MERITEK ELECTRONICS CORPORATION

Part # RF
Description  High ripple current, low E.S.R. and long life
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MERITEK [MERITEK ELECTRONICS CORPORATION]
Direct Link  http://www.meritekusa.com
Logo MERITEK - MERITEK ELECTRONICS CORPORATION

RF Datasheet(HTML) 2 Page - MERITEK ELECTRONICS CORPORATION

  RF Datasheet HTML 1Page - MERITEK ELECTRONICS CORPORATION RF Datasheet HTML 2Page - MERITEK ELECTRONICS CORPORATION RF Datasheet HTML 3Page - MERITEK ELECTRONICS CORPORATION RF Datasheet HTML 4Page - MERITEK ELECTRONICS CORPORATION RF Datasheet HTML 5Page - MERITEK ELECTRONICS CORPORATION RF Datasheet HTML 6Page - MERITEK ELECTRONICS CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Rev. 7a
RF Series
(High R.C. , High Reliability) MERITEK
Aluminum Electrolytic Capacitors
Temperature(
C)
65
75
85
95
105
Multiplier
1.8
1.65
1.50
1.25
1.00
Case size
: DxL
(mm)
Max. impedance
: Ω
20
C 100kHz
Max. ripple current
: mA(rms) 105
C 100kHz
RIPPLE CURRENT COEFFICIENTS
Frequency(Hz)
120
1k
10k
100k
W.V.
Multiplier
160~450
D=10mm
0.25
0.61
0.88
1.0
D>10mm
0.35
0.66
0.89
1.0
CASE SIZE & MAX RIPPLE CURRENT
Cap.
(uF)
V
160
200
250
Item
DxL
IMP.
R.C.
DxL
IMP.
R.C.
DxL
IMP.
R.C.
4.7
10x16
3.45
150
10
10x16
1.47
220
10x16
1.47
220
10x20
2.70
240
22
10x20
0.80
350
10x20
0.80
350
12.5x20
1.47
380
33
10x20
0.62
430
12.5x20
0.62
460
12.5x25
1.15
510
47
12.5x20
0.50
550
12.5x25
0.50
610
16x25
0.92
610
68
12.5x20
0.39
660
12.5x25
0.39
730
16x31.5
0.71
810
100
16x25
0.32
890
16x31.5
0.32
980
18x35.5
0.59
1110
220
16x35.5
0.17
1540
18x35.5
0.17
1640
18x40
0.31
1730
Cap.
(uF)
V
400
450
Item
DxL
IMP.
R.C.
DxL
IMP.
R.C.
2.2
10x16
4.94
110
3.3
10x20
2.60
170
10x20
4.11
150
4.7
10x25
2.20
220
12.5x20
3.47
190
10
12.5x25
1.72
340
12.5x25
2.72
300
22
16x25
0.94
510
16x31.5
1.48
500
33
16x31.5
0.73
690
16x31.5
1.15
620
47
16x31.5
0.59
820
18x31.5
0.92
780
68
16x31.5
0.46
990
100
18x31.5
0.38
1280
120
18x35.5
0.32
1480
150
18x40
0.26
1740
180
18x40
0.23
1910



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com