Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT Datasheet(PDF) 1 Page - MERITEK ELECTRONICS CORPORATION

Part # RT
Description  Wide CV value range
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MERITEK [MERITEK ELECTRONICS CORPORATION]
Direct Link  http://www.meritekusa.com
Logo MERITEK - MERITEK ELECTRONICS CORPORATION

RT Datasheet(HTML) 1 Page - MERITEK ELECTRONICS CORPORATION

  RT Datasheet HTML 1Page - MERITEK ELECTRONICS CORPORATION RT Datasheet HTML 2Page - MERITEK ELECTRONICS CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
 
 
 
Rev. 7
 
Aluminum Electrolytic Capacitors
MERITEK
RT Series
(General Purpose, Axial)
FEATURES
•
Wide CV value range
•
Load life 2000hrs at 85°C
•
High performance
SPECIFICATIONS
Item
Characteristic
Operation Temperature Range
-40 ~ +85°C
-25 ~ +85°C
Rated Working Voltage
6.3V ~ 100V
160V ~ 450V
Capacitance Range
0.47 ~ 22,000μF
Capacitance Tolerance
(120Hz 20°C)
±20%(M)
Leakage Current
I ≤0.02CV or 4 µA
*Whichever is greater after 2 minutes application of rated
voltage
I ≤0.03CV + 10 µA MAX
*Whichever is greater after 2 minutes application of
rated voltage
Dissipation Factor (tan δ)
(120Hz 20°C)
Add 0.02 per 1000 µF for more than 1000 µF
W.V.
6.3
10
16
25
35
50
63
100
160~250 350~450
tan δ
0.28
0.24
0.20
0.16
0.14
0.12
0.12
0.10
0.20
0.25
Low Temperature Stability
Impedance ratio at 120Hz
Rated Voltage (V)
6.3
10
16
25
35
50
63
100
160~250
350~400
450
-25°C / +20°C
5
4
3
2
2
2
2
2
4
4
6
-40°C / +20°C
12
10
8
5
4
3
3
3
15
10
-
Load Life
After 2000 hours application of W.V. and +85°C ripple current value, the capacitor shall meet the
following limits. (DC + ripple peak voltage ≤ rate working voltage)
Capacitance Change
≤ ±20% of initial value
Dissipation Factor
≤ 200% of initial specified value
Leakage current
≤ initial specified value
Shelf Life
At +85°C, no voltage application after 1000 hours, the capacitor shall meet the limits for load life
characteristics. (With voltage treatment)
PART NUMBERING SYSTEM
RT
450V
470
M 16X41
Meritek Series
Voltage
Capacitance
Capacitance expressed in microfarads (μF).
First two digits are significant figures.
Third digit denotes number of zeros.
'R' denotes decimal point for values less than 10 μF
Tolerance
M=±20%
Can Size
ØD
5
6
8
10
13
16
18
22
25
Ød
0.6
0.8
0.8/1.0
α
6.3 ~ 100V
1.5
2.0
2.0
160 ~ 450V
1.5
2.0
2.0
DIMENSION


Similar Description - RT

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
P0603H2002BBT VISHAY-P0603H2002BBT Datasheet
144Kb / 10P
High Precision Wraparound - Wide Ohmic Value Range Thin Film Chip Resistors
19-Nov-13
logo
TEMEX
RSX-11 TEMEX-RSX-11 Datasheet
533Kb / 5P
Wide temperature range
RSX1612 TEMEX-RSX1612 Datasheet
977Kb / 7P
Wide temperature range
logo
STMicroelectronics
AN3093 STMICROELECTRONICS-AN3093 Datasheet
1Mb / 29P
ALTAIR05T-800 5 W wide range CV-CC optoless adapter demonstration board
11-Jan-2011
logo
ECM Electronics Limited...
LNQ ECM-LNQ Datasheet
139Kb / 4P
Wide Inductance Range
logo
Kemet Corporation
PEH200HA5150MU2 KEMET-PEH200HA5150MU2 Datasheet
4Mb / 13P
High CV value
logo
Ohmite Mfg. Co.
RES-TP OHMITE-RES-TP Datasheet
320Kb / 1P
Wide Resistance Range
logo
STMicroelectronics
STEVAL-ISA176V1 STMICROELECTRONICS-STEVAL-ISA176V1 Datasheet
266Kb / 5P
ALTAIR05T-800 5 W wide range CV-CC optoless adapter evaluation board
19-Oct-2015
logo
STANLEY ELECTRIC CO.,LT...
HFTV1108GS-TR STANLEY-HFTV1108GS-TR Datasheet
735Kb / 24P
Wide temperature range
logo
Xtaltq Technologies Co....
BO2525L XTALTQ-BO2525L Datasheet
242Kb / 2P
Wide Temperature Range
Mar.27, 2016
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com