Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT Datasheet(PDF) 2 Page - MERITEK ELECTRONICS CORPORATION

Part # RT
Description  Wide CV value range
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MERITEK [MERITEK ELECTRONICS CORPORATION]
Direct Link  http://www.meritekusa.com
Logo MERITEK - MERITEK ELECTRONICS CORPORATION

RT Datasheet(HTML) 2 Page - MERITEK ELECTRONICS CORPORATION

  RT Datasheet HTML 1Page - MERITEK ELECTRONICS CORPORATION RT Datasheet HTML 2Page - MERITEK ELECTRONICS CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
 
 
 
Rev. 7
 
Aluminum Electrolytic Capacitors
MERITEK
RT Series
(General Purpose, Axial)
RIPPLE CURRENT COEFFICIENTS
WV
Frequency
Cap(μF)
50Hz
120Hz
300Hz
1KHz
10KHz
6.3~100
~47
0.75
1
1.35
1.57
2.00
100~470
0.80
1
1.23
1.34
1.50
1,000~22,000
0.85
1
1.10
1.13
1.15
160~450
1~220
0.80
1
1.25
1.40
1.60
CASE SIZE & MAX RIPPLE CURRENT
WV(SV)
Cap (µF)
6.3
(8)
10
(13)
16
(20)
25
(32)
35
(44)
50
(63)
63
(75)
100
(125)
0.47
5 x 13
5
5 x 13
10
1
5 x 13
10
5 x 13
18
2.2
5 x 13
23
5 x 13
27
3.3
5 x 13
30
5 x 13
34
4.7
5 x 13
36
5 x 13
40
10
5 x 13
37
5 x 13
41
5 x 13
50
5 x 13
55
6.3 x 13
65
22
5 x 13
50
5 x 13
58
5 x 13
70
6.3 x 13
85
6.3 x 13
90
8 x 16
120
33
5 x 13
60
5 x 13
80
6.3 x 13
95
6.3 x 13
105
6.3 x 16
125
8 x 16
145
47
5 x 13
70
5 x 13
90
6.3 x 13
105
6.3 x 13
115
6.3 x 16
140
8 x 16
165
8 x 20
190
100
5 x 13
110
6.3 x 13
130 6.3 x 13
145
6.3 x 16
170
8 x 16
200
8 x 16
220
8 x 20
260
10 x 21
310
220
6.3 x 13 180
6.3 x 16
220
8 x 16
260
8 x 16
280
8 x 20
340
8 x 20
370
10 x 21
440
13 x 26
560
330
6.3 x 16 250
8 x 16
300
8 x 16
320
8 x 16
350
8 x 20
410
10 x 21
510
13 x 26
650
13 x 31
730
470
8 x 16
330
8 x 16
350
8 x 16
390
8 x 20
460
10 x 21
550
13 x 26
740
13 x 26
780
16 x 31
960
1000
8 x 20
530
8 x 20
570
10 x 21
700
10 x 26
830
13 x 26
980
13 x 31 1130 16 x 31 1330 18 x 41 1640
2200
10 x 21
850
13 x 26 1100 13 x 26 1190 13 x 31 1330 16 x 31 1580 16 x 41 1930 18 x 41 2080 25 x 51 2560
3300
13 x 26 1210 13 x 26 1290 13 x 31 1460 16 x 31 1700 16 x 41 1810 18 x 41 2260 22 x 51 2370
4700
13 x 26 1400 13 x 31 1550 16 x 31 1840 16 x 41 2190 18 x 41 2380 22 x 51 2510 25 x 41 3970
6800
13 x 31 1650 16 x 31 1930 16 x 41 2310 18 x 41 2480 22 x 51 2760
10000
16 x 31 1990 16 x 41 2350 18 x 41 2520 22 x 51 3240 25 x 51 3500
15000
16 x 41 2480 18 x 41 2630 22 x 51 3310
22000
18 x 41 2730 22 x 51 3390 25 x 51 3500
WV(SV)
Cap (µF)
160
(200)
200
(250)
250
(300)
350
(400)
400
(450)
450
(500)
1
6.3 x 13
16
6.3 x 16
20
6.3 x 16
20
8 x 16
19
2.2
6.3 x 13
24
6.3 x 16
30
8 x 16
33
8 x 16
33
8 x 16
28
3.3
6.3 x 16
37
6.3 x 16
37
8 x 16
40
8 x 16
40
8 x 20
45
8 x 20
38
4.7
8 x 16
50
8 x 16
50
8 x 16
50
8 x 20
55
10 x 21
60
10 x 21
50
10
8 x 20
80
8 x 20
80
10 x 21
90
10 x 26
100
13 x 26
110
13 x 26
90
22
10 x 21
130
10 x 26
145
13 x 26
160
13 x 26
160
13 x 31
170
16 x 31
160
33
10 x 26
180
13 x 26
195
13 x 26
195
13 x 31
200
16 x 31
230
16 x 31
190
47
13 x 26
230
13 x 31
230
13 x 31
240
16 x 31
270
16 x 41
310
16 x 41
270
100
16 x 31
400
16 x 31
400
16 x 41
450
18 x 41
460
22 x 51
370
Case size RC
220
16 x 41
670
18 x 41
690
22 x 4
764
Case size
: ØD x L
(mm)
Max ripple current
: mA(rms) 85°C 120Hz



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com