Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX1106 Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX1106
Description  Single-Supply, Low-Power, Serial 8-Bit ADCs
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1106 Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX1106 Datasheet HTML 1Page - Maxim Integrated Products MAX1106 Datasheet HTML 2Page - Maxim Integrated Products MAX1106 Datasheet HTML 3Page - Maxim Integrated Products MAX1106 Datasheet HTML 4Page - Maxim Integrated Products MAX1106 Datasheet HTML 5Page - Maxim Integrated Products MAX1106 Datasheet HTML 6Page - Maxim Integrated Products MAX1106 Datasheet HTML 7Page - Maxim Integrated Products MAX1106 Datasheet HTML 8Page - Maxim Integrated Products MAX1106 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
Single-Supply, Low-Power,
Serial 8-Bit ADCs
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS—MAX1106
(VDD = +2.7V to +3.6V; IN- to GND; fSCLK = 2MHz; 25ksps conversion rate; 1µF capacitor at REFOUT; external +2.048V reference at
REFIN; TA = TMIN to TMAX; unless otherwise noted. Typical values are at TA = +25°C.)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
VDD to GND ..............................................................-0.3V to +6V
IN+, IN-, REFIN, REFOUT,
DOUT to GND..........................................-0.3V to (VDD + 0.3V)
SHDN, SCLK, CONVST to GND ...............................-0.3V to +6V
Continuous Power Dissipation (TA = +70°C)
10-pin µMAX (derate 5.6mW/°C above +70°C) ............444mW
Operating Temperature Ranges
MAX110_CUB ......................................................0°C to +70°C
MAX110_EUB ...................................................-40°C to +85°C
Storage Temperature Range .............................-65°C to +150°C
Lead Temperature (soldering, 10sec) .............................+300°C
VDD = 2.7V to 3.6V
VDD = 5.5V (Note 2)
No missing codes over temperature
CONDITIONS
±0.15
±0.5
Bits
8
Resolution
LSB
±0.2
INL
Relative Accuracy (Note 1)
LSB
±1
DNL
Differential Nonlinearity
UNITS
MIN
TYP
MAX
SYMBOL
PARAMETER
VDD = 5.5V (Note 2)
VDD = 2.7V to 3.6V
LSB
±0.5
Offset Error
±0.2
±1
LSB
±1
Gain Error (Note 3)
ppm/°C
±0.8
Gain Temperature Coefficient
TA = TMIN to TMAX
TA = +25°C
dB
49
SINAD
Signal-to-Noise Plus Distortion
dB
-70
THD
Total Harmonic Distortion
(up to the 5th harmonic)
LSB
±0.5
TUE
Total Unadjusted Error
±1
-3dB rolloff
VIN+ to VIN-
MHz
0.8
Full-Power Bandwidth
MHz
1.5
BW-3dB
Small-Signal Bandwidth
0VREFIN
Input Voltage Range (Note 4)
dB
68
SFDR
Spurious-Free Dynamic Range
V
VIN_
pF
18
CIN
Input Capacitance
On/off-leakage current,
VIN+ or VIN- = 0 or VDD
µA
±0.01
±1
Input Leakage Current
DC ACCURACY
DYNAMIC PERFORMANCE (10kHz sine-wave input, 2.048Vp-p, 25ksps conversion rate)
ANALOG INPUTS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com