Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX1106 Datasheet (PDF) - Maxim Integrated Products

MAX1106 Datasheet PDF - Maxim Integrated Products
Part # MAX1106
Download  MAX1106 Download
File Size   205.12 Kbytes
Page   16 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description Single-Supply, Low-Power, Serial 8-Bit ADCs

MAX1106 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX1106 Datasheet PDF - Maxim Integrated Products

Part # MAX1106
Download  MAX1106 Click to download

File Size   205.12 Kbytes
Page   16 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description Single-Supply, Low-Power, Serial 8-Bit ADCs

MAX1106 Datasheet (HTML) - Maxim Integrated Products


MAX1106 Product details

General Description
The MAX1106/MAX1107 low-power, 8-bit, single-channel, analog-to-digital converters (ADCs) feature an internal track/hold (T/H), voltage reference, clock, and serial interface. The MAX1106 is specified from +2.7V to +3.6V and consumes only 96µA. The MAX1107 is specified from +4.5V to +5.5V and consumes only 107µA. The analog inputs are pin-configurable, allowing unipolar and singleended or differential operation.

Features
♦ Single Supply: +2.7V to +3.6V (MAX1106) +4.5V to +5.5V (MAX1107)
♦ Low Power: 96µA at +3V and 25ksps 0.5µA in Power-Down Mode
♦ Pin-Programmable Configuration
♦ 0 to VDD Input Voltage Range
♦ Internal Track/Hold
♦ Internal Reference: +2.048V (MAX1106) +4.096V (MAX1107)
♦ 1V to VDD Reference Input Range
♦ SPI/QSPI/MICROWIRE-Compatible Serial Interface
♦ Small 10-Pin µMAX Package

Applications
    Portable Data Logging
    Hand-Held Measurement Devices
    Medical Instruments
    System Diagnostics
    Solar-Powered Remote Systems
    4–20mA-Powered Remote Systems
    Receive-Signal-Strength Indicators




Similar Part No. - MAX1106

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX11060GUU MAXIM-MAX11060GUU Datasheet
505Kb / 35P
24-/16-Bit, 4-Channel, Simultaneous-Sampling, Cascadable, Sigma-Delta ADCs
Rev 1; 4/11
MAX11060GUU+ MAXIM-MAX11060GUU+ Datasheet
2Mb / 35P
24-/16-Bit, 4-Channel, Simultaneous-Sampling, 24-/16-Bit, 4-Channel, Simultaneous-Sampling,
2015
MAX11068 MAXIM-MAX11068 Datasheet
1Mb / 82P
12-Channel, High-Voltage Sensor, Smart Data-Acquisition Interface
Rev 0; 6/10
MAX11068GUU+ MAXIM-MAX11068GUU+ Datasheet
1Mb / 82P
12-Channel, High-Voltage Sensor, Smart Data-Acquisition Interface
Rev 0; 6/10
MAX11068GUU/V+ MAXIM-MAX11068GUU/V+ Datasheet
1Mb / 82P
12-Channel, High-Voltage Sensor, Smart Data-Acquisition Interface
Rev 0; 6/10
More results


Similar Description - MAX1106

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1108 MAXIM-MAX1108 Datasheet
185Kb / 20P
Single-Supply, Low-Power, 2-Channel, Serial 8-Bit ADCs
19-1399; Rev 0; 10/98
MAX1110 MAXIM-MAX1110 Datasheet
284Kb / 20P
2.7V, Low-Power, Multichannel, Serial 8-Bit ADCs
19-1194; Rev 2; 10/98
MAX1115 MAXIM-MAX1115 Datasheet
379Kb / 12P
Single-Supply, Low-Power, Serial 8-Bit ADCs
19-1822; Rev 1; 2/02
MAX186 MAXIM-MAX186 Datasheet
245Kb / 24P
Low-Power, 8-Channel, Serial 12-Bit ADCs
Rev. 4; 8/96
MAX1117 MAXIM-MAX1117 Datasheet
406Kb / 14P
Single-Supply, Low-Power, 2-Channel, Serial 8-Bit ADCs
MAX1108 MAXIM-MAX1108_03 Datasheet
326Kb / 20P
Single-Supply, Low-Power, 2-Channel, Serial 8-Bit ADCs
Rev 1; 6/03
MAX1110 MAXIM-MAX1110_11 Datasheet
287Kb / 20P
2.7V, Low-Power, Multichannel, Serial 8-Bit ADCs
Rev 4; 4/11
MAX1111CE MAXIM-MAX1111CE Datasheet
287Kb / 20P
2.7V, Low-Power, Multichannel, Serial 8-Bit ADCs
Rev 4; 4/11
MAX186 MAXIM-MAX186_V01 Datasheet
394Kb / 25P
Low-Power, 8-Channel, Serial 12-Bit ADCs
2012
MAX1280 MAXIM-MAX1280_V01 Datasheet
450Kb / 24P
400ksps/300ksps, Single-Supply, Low-Power, 8-Channel, Serial 12-Bit ADCs with Internal Reference
2010
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com