Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX1115 Datasheet (PDF) - Maxim Integrated Products

MAX1115 Datasheet PDF - Maxim Integrated Products
Part # MAX1115
Download  MAX1115 Download
File Size   379.37 Kbytes
Page   12 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description Single-Supply, Low-Power, Serial 8-Bit ADCs

MAX1115 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX1115 Datasheet PDF - Maxim Integrated Products

Part # MAX1115
Download  MAX1115 Click to download

File Size   379.37 Kbytes
Page   12 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description Single-Supply, Low-Power, Serial 8-Bit ADCs

MAX1115 Datasheet (HTML) - Maxim Integrated Products


MAX1115 Product details

General Description
The MAX1115/MAX1116 low-power, 8-bit, analog-to-digital converters (ADCs) feature an internal track/hold (T/H), voltage reference, VDD monitor, clock, and serial interface. The MAX1115 is specified from +2.7V to +5.5V, and the MAX1116 is specified from +4.5V to +5.5V. Both parts consume only 175µA at 100ksps.
The full-scale analog input range is determined by the internal reference of +2.048V (MAX1115) or +4.096V (MAX1116). The MAX1115/MAX1116 also feature AutoShutdown™ power-down mode which reduces power consumption to <1µA when the device is not in use. The 3-wire serial interface directly connects to SPI™, QSPI™, and MICROWIRE™ devices without external logic. Conversions up to 100ksps are performed using an internal clock.
The MAX1115/MAX1116 are available in an 8-pin SOT23 package with a footprint that is just 30% of an 8-pin SO.

Features
♦ Single Supply
   +2.7V to +3.6V (MAX1115)
   +4.5V to +5.5V (MAX1116)
♦ Input Voltage Range: 0 to VREF
♦ Internal Track/Hold; 100kHz Sampling Rate
♦ Internal Reference
   +2.048V (MAX1115)
   +4.096V (MAX1116)
♦ SPI/QSPI/MICROWIRE-Compatible Serial Interface
♦ Small 8-Pin SOT23 Package
♦ Automatic Power-Down
♦ Low Power
   175µA at 100ksps
   18µA at +3V and 10ksps
   1µA in Power-Down Mode
  
Applications
   Low-Power, Hand-Held Portable Devices
   System Diagnostics
   Battery-Powered Test Equipment
   Receive-Signal-Strength Indicators
   4mA to 20mA Powered Remote Data-Acquisition Systems




Similar Part No. - MAX1115

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX11150 MAXIM-MAX11150 Datasheet
865Kb / 26P
500ksps Throughput Rates Without Pipeline
Rev 0; 1/15
MAX11150 MAXIM-MAX11150 Datasheet
6Mb / 33P
High-Speed USB Connector, FMC Connector, and PMOD-Style Connector
Rev 0; 5/15
MAX11150 MAXIM-MAX11150 Datasheet
853Kb / 26P
18-Bit, 500ksps, 5V SAR ADC with Internal Reference in 關MAX
2015
MAX11150EUB+ MAXIM-MAX11150EUB+ Datasheet
853Kb / 26P
18-Bit, 500ksps, 5V SAR ADC with Internal Reference in 關MAX
2015
MAX11150EVKIT MAXIM-MAX11150EVKIT Datasheet
6Mb / 33P
High-Speed USB Connector, FMC Connector, and PMOD-Style Connector
Rev 0; 5/15
More results


Similar Description - MAX1115

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1106 MAXIM-MAX1106 Datasheet
205Kb / 16P
Single-Supply, Low-Power, Serial 8-Bit ADCs
19-1432; Rev 0; 3/99
MAX1108 MAXIM-MAX1108 Datasheet
185Kb / 20P
Single-Supply, Low-Power, 2-Channel, Serial 8-Bit ADCs
19-1399; Rev 0; 10/98
MAX1110 MAXIM-MAX1110 Datasheet
284Kb / 20P
2.7V, Low-Power, Multichannel, Serial 8-Bit ADCs
19-1194; Rev 2; 10/98
MAX186 MAXIM-MAX186 Datasheet
245Kb / 24P
Low-Power, 8-Channel, Serial 12-Bit ADCs
Rev. 4; 8/96
MAX1117 MAXIM-MAX1117 Datasheet
406Kb / 14P
Single-Supply, Low-Power, 2-Channel, Serial 8-Bit ADCs
MAX1108 MAXIM-MAX1108_03 Datasheet
326Kb / 20P
Single-Supply, Low-Power, 2-Channel, Serial 8-Bit ADCs
Rev 1; 6/03
MAX1110 MAXIM-MAX1110_11 Datasheet
287Kb / 20P
2.7V, Low-Power, Multichannel, Serial 8-Bit ADCs
Rev 4; 4/11
MAX1111CE MAXIM-MAX1111CE Datasheet
287Kb / 20P
2.7V, Low-Power, Multichannel, Serial 8-Bit ADCs
Rev 4; 4/11
MAX186 MAXIM-MAX186_V01 Datasheet
394Kb / 25P
Low-Power, 8-Channel, Serial 12-Bit ADCs
2012
MAX1280 MAXIM-MAX1280_V01 Datasheet
450Kb / 24P
400ksps/300ksps, Single-Supply, Low-Power, 8-Channel, Serial 12-Bit ADCs with Internal Reference
2010
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com