Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX1108 Datasheet (PDF) - Maxim Integrated Products

MAX1108 Datasheet PDF - Maxim Integrated Products
Part # MAX1108
Download  MAX1108 Download
File Size   185.79 Kbytes
Page   20 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description Single-Supply, Low-Power, 2-Channel, Serial 8-Bit ADCs

MAX1108 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX1108 Datasheet PDF - Maxim Integrated Products

Part # MAX1108
Download  MAX1108 Click to download

File Size   185.79 Kbytes
Page   20 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description Single-Supply, Low-Power, 2-Channel, Serial 8-Bit ADCs

MAX1108 Datasheet (HTML) - Maxim Integrated Products


MAX1108 Product details

General Description

The MAX1108/MAX1109 low-power, 8-bit, dual-channel, analog-to-digital converters (ADCs) feature an internal track/hold (T/H) voltage reference, clock, and serial interface. The MAX1108 is specified from +2.7V to +3.6V and consumes only 105µA. The MAX1109 is specified from +4.5V to +5.5V and consumes only 130µA. The analog inputs are software configurable, allowing unipolar/bipolar and single-ended/differential operation; battery monitor ing capability is also included.



Features

♦ Single Supply: +2.7V to +3.6V (MAX1108)

                     +4.5V to +5.5V (MAX1109)

♦ Low Power: 105µA at +3V and 50ksps

                0.5µA in Power-Down Mode

♦ Software-Configurable Unipolar or Bipolar Inputs

♦ Input Voltage Range: 0 to VDD

♦ Internal Track/Hold

♦ Internal Reference: +2.048V (MAX1108)

                            +4.096V (MAX1109)

♦ Reference Input Range: 1V to VDD

♦ SPI/QSPI/MICROWIRE-Compatible Serial Interface

♦ VDD Monitoring Mode

♦ Small 10-Pin µMAX Package




Similar Part No. - MAX1108

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1108 MAXIM-MAX1108 Datasheet
326Kb / 20P
Single-Supply, Low-Power, 2-Channel, Serial 8-Bit ADCs
Rev 1; 6/03
MAX11080 MAXIM-MAX11080 Datasheet
254Kb / 27P
12-Channel, High-Voltage Battery-Pack Fault Monitor
Rev 0; 5/09
MAX11080 MAXIM-MAX11080 Datasheet
423Kb / 29P
12-Channel, High-Voltage Battery-Pack Fault Monitors
2010
MAX11080GUU+ MAXIM-MAX11080GUU+ Datasheet
254Kb / 27P
12-Channel, High-Voltage Battery-Pack Fault Monitor
Rev 0; 5/09
MAX11080GUU/V+ MAXIM-MAX11080GUU/V+ Datasheet
254Kb / 27P
12-Channel, High-Voltage Battery-Pack Fault Monitor
Rev 0; 5/09
More results


Similar Description - MAX1108

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1080 MAXIM-MAX1080 Datasheet
550Kb / 24P
300ksps/400ksps, Single-Supply, Low-Power, 8-Channel, Serial 10-Bit ADCs with Internal Reference
19-1685; Rev 0; 5/00
MAX110 MAXIM-MAX110 Datasheet
411Kb / 24P
Low-Cost, 2-Channel, 짹14-Bit Serial ADCs
19-0283; Rev 5; 11/98
MAX1106 MAXIM-MAX1106 Datasheet
205Kb / 16P
Single-Supply, Low-Power, Serial 8-Bit ADCs
19-1432; Rev 0; 3/99
MAX1115 MAXIM-MAX1115 Datasheet
379Kb / 12P
Single-Supply, Low-Power, Serial 8-Bit ADCs
19-1822; Rev 1; 2/02
MAX1280 MAXIM-MAX1280 Datasheet
363Kb / 24P
400ksps/300ksps, Single-Supply, Low-Power, 8-Channel, Serial 12-Bit ADCs with Internal Reference
19-1684; Rev 0; 5/00
MAX186 MAXIM-MAX186 Datasheet
245Kb / 24P
Low-Power, 8-Channel, Serial 12-Bit ADCs
Rev. 4; 8/96
MAX1117 MAXIM-MAX1117 Datasheet
406Kb / 14P
Single-Supply, Low-Power, 2-Channel, Serial 8-Bit ADCs
MAX1108 MAXIM-MAX1108_03 Datasheet
326Kb / 20P
Single-Supply, Low-Power, 2-Channel, Serial 8-Bit ADCs
Rev 1; 6/03
MAX186 MAXIM-MAX186_V01 Datasheet
394Kb / 25P
Low-Power, 8-Channel, Serial 12-Bit ADCs
2012
MAX1280 MAXIM-MAX1280_V01 Datasheet
450Kb / 24P
400ksps/300ksps, Single-Supply, Low-Power, 8-Channel, Serial 12-Bit ADCs with Internal Reference
2010
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com