Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX110 Datasheet (PDF) - Maxim Integrated Products

MAX110 Datasheet PDF - Maxim Integrated Products
Part # MAX110
Download  MAX110 Download
File Size   411.02 Kbytes
Page   24 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description Low-Cost, 2-Channel, 짹14-Bit Serial ADCs

MAX110 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX110 Datasheet PDF - Maxim Integrated Products

Part # MAX110
Download  MAX110 Click to download

File Size   411.02 Kbytes
Page   24 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description Low-Cost, 2-Channel, 짹14-Bit Serial ADCs

MAX110 Datasheet (HTML) - Maxim Integrated Products


MAX110 Product details

General Description
The MAX110/MAX111 analog-to-digital converters (ADCs) use an internal auto-calibration technique to achieve 14-bit resolution plus overrange, with no external components. Operating supply current is only 550µA (MAX110) and reduces to 4µA in power-down mode, making these ADCs ideal for high-resolution battery-powered or remote-sensing applications. A fast serial interface simplifies signal routing and opto-isolation, saves microcontroller pins, and offers compatibility with SPI™, QSPI™, and MICROWIRE™. The MAX110 operates with ±5V supplies, and converts differential analog signals in the -3V to +3V range. The MAX111 operates with a single +5V supply and converts differential analog signals in the ±1.5V range, or single ended signals in the 0V to +1.5V range.

Features
♦ Single +5V Supply (MAX111)
♦ Two Differential Input Channels
♦ 14-Bit Resolution Plus Sign and Overrange
♦ 0.03% Linearity (MAX110)
   0.05% Linearity (MAX111)
♦ Low Power Consumption:
  550µA (MAX110)
  640µA (MAX111)
   4µA Shutdown Current
♦ Up to 50 Conversions/sec
♦ 50Hz/60Hz Rejection
♦ Auto-Calibration Mode
♦ No External Components Required
♦ 16-Pin DIP/SO, 20-Pin SSOP




Similar Part No. - MAX110

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX110 MAXIM-MAX110 Datasheet
685Kb / 19P
Convenient Test Points Provided On-Board
Rev 1a; 8/05
MAX11008 MAXIM-MAX11008 Datasheet
708Kb / 67P
Dual RF LDMOS Bias Controller with Nonvolatile Memory
Rev 0; 11/08
MAX11008 MAXIM-MAX11008 Datasheet
379Kb / 15P
Lead(Pb)-Free and RoHS Compliant
Rev 0; 1/09
MAX11008BETM+ MAXIM-MAX11008BETM+ Datasheet
708Kb / 67P
Dual RF LDMOS Bias Controller with Nonvolatile Memory
Rev 0; 11/08
MAX11008EVC16 MAXIM-MAX11008EVC16 Datasheet
379Kb / 15P
Lead(Pb)-Free and RoHS Compliant
Rev 0; 1/09
More results


Similar Description - MAX110

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1036 MAXIM-MAX1036 Datasheet
427Kb / 22P
2.7V to 5.5V, Low-Power, 4-/12-Channel 2-Wire Serial 8-Bit ADCs
19-2442; Rev 1; 10/02
MAX1108 MAXIM-MAX1108 Datasheet
185Kb / 20P
Single-Supply, Low-Power, 2-Channel, Serial 8-Bit ADCs
19-1399; Rev 0; 10/98
MAX186 MAXIM-MAX186 Datasheet
245Kb / 24P
Low-Power, 8-Channel, Serial 12-Bit ADCs
Rev. 4; 8/96
MAX187 MAXIM-MAX187 Datasheet
177Kb / 20P
5V, Low-Power, 12-Bit Serial ADCs
19-0196; Rev 0; 10/93
MAX1117 MAXIM-MAX1117 Datasheet
406Kb / 14P
Single-Supply, Low-Power, 2-Channel, Serial 8-Bit ADCs
MAX157 MAXIM-MAX157 Datasheet
238Kb / 16P
2.7V, Low-Power, 2-Channel, 108ksps, Serial 10-Bit ADCs in 8-Pin UMAX
Rev 0; 11/98
MAX1108 MAXIM-MAX1108_03 Datasheet
326Kb / 20P
Single-Supply, Low-Power, 2-Channel, Serial 8-Bit ADCs
Rev 1; 6/03
MAX144 MAXIM-MAX144_05 Datasheet
969Kb / 16P
2.7V, Low-Power, 2-Channel, 108ksps, Serial 12-Bit ADCs in 8-Pin μMAX
Rev 2; 10/05
MAX186 MAXIM-MAX186_V01 Datasheet
394Kb / 25P
Low-Power, 8-Channel, Serial 12-Bit ADCs
2012
MAX187 MAXIM-MAX187_V01 Datasheet
459Kb / 18P
5V, Low-Power, 12-Bit Serial ADCs
2012
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com