Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX110 Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX110
Description  Low-Cost, 2-Channel, 짹14-Bit Serial ADCs
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX110 Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX110 Datasheet HTML 1Page - Maxim Integrated Products MAX110 Datasheet HTML 2Page - Maxim Integrated Products MAX110 Datasheet HTML 3Page - Maxim Integrated Products MAX110 Datasheet HTML 4Page - Maxim Integrated Products MAX110 Datasheet HTML 5Page - Maxim Integrated Products MAX110 Datasheet HTML 6Page - Maxim Integrated Products MAX110 Datasheet HTML 7Page - Maxim Integrated Products MAX110 Datasheet HTML 8Page - Maxim Integrated Products MAX110 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
Low-Cost, 2-Channel, ±14-Bit Serial ADCs
4
_______________________________________________________________________________________
ELECTRICAL CHARACTERISTICS—MAX111
(VDD = 5V ±5%, fXCLK = 1MHz, ÷ 2 mode (DV2 = 1), 81,920 CLK cycles/conv, VREF+ = 1.5V, VREF- = 0V, TA = TMIN to TMAX,
unless otherwise noted. Typical values are at TA = +25°C.)
LSB
nA
500
CONDITIONS
IIN+, IIN-
Input Bias Current
(Note 3)
pF
10
-0.667 x VREF ≤ VIN ≤ 0.667 x VREF
-VREF ≤ VIN ≤ VREF
-0.667 x VREF ≤ VIN ≤ 0.667 x VREF
Input Capacitance
-VREF ≤ VIN ≤ VREF
V
0VDD - 3.2
VIN+,
VIN-
Absolute Input Voltage
Range
V
-VREF
+VREF
VIN
Differential Input Voltage
Range
-VREF ≤ VIN ≤ VREF
ppm
15
VDD = 4.75V to 5.25V
Power-Supply Rejection
%FSR
INL
ppm/°C
8
Full-Scale Error
Temperature Drift
Relative Accuracy,
Differential Input
(Notes 3, 5–7)
(Notes 3, 4)
±0.25
±2
%
±0.2
±0.20
DNL
Differential Nonlinearity
(Note 6)
UNITS
MIN
TYP
MAX
SYMBOL
ppm/V
6
(Note 2)
PARAMETER
14 + POL
+ OFL
RES
Resolution
CMRR
mV
±4
Offset Error
Common-Mode Rejection
Ratio
10mV
≤ (VIN+ = VIN-) ≤ 2.0V
Bits
No-Missing-Codes
Resolution
±0.10
(Note 3)
-8
0
±0.05
±0.10
Full-Scale Error
Uncalibrated
±0.03
±0.05
MAX111BM
13 + POL
+ OFL
Bits
±0.18
VIN+ = VIN- = 0V
MAX111BC/E
MAX111AC/E
After gain calibration (Note 5)
VIN ≤ 0.667 x VREF
0V
≤ VIN ≤ VREF
VIN ≤ 0.667 x VREF
0V
≤ VIN ≤ VREF
0V
≤ VIN ≤ VREF
VIN ≤ 0.667 x VREF
%FSR
INL
Relative Accuracy,
Single-Ended Input
(IN- = GND)
±0.25
±0.15
±0.10
±0.1
±0.06
MAX111BM
±0.18
MAX111BC/E
MAX111AC/E
ACCURACY (Note 1)
ANALOG INPUTS
-0.667 x VREF ≤ VIN ≤ 0.667 x VREF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com