Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX110 Datasheet(PDF) 13 Page - Maxim Integrated Products

Part # MAX110
Description  Low-Cost, 2-Channel, 짹14-Bit Serial ADCs
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX110 Datasheet(HTML) 13 Page - Maxim Integrated Products

Back Button MAX110 Datasheet HTML 9Page - Maxim Integrated Products MAX110 Datasheet HTML 10Page - Maxim Integrated Products MAX110 Datasheet HTML 11Page - Maxim Integrated Products MAX110 Datasheet HTML 12Page - Maxim Integrated Products MAX110 Datasheet HTML 13Page - Maxim Integrated Products MAX110 Datasheet HTML 14Page - Maxim Integrated Products MAX110 Datasheet HTML 15Page - Maxim Integrated Products MAX110 Datasheet HTML 16Page - Maxim Integrated Products MAX110 Datasheet HTML 17Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
Low-Cost, 2-Channel, ±14-Bit Serial ADCs
______________________________________________________________________________________
13
CS
SCLK
tCSH
tCSS
tCK
tDH
MSB
LSB
tDS
DIN
DOUT
BUSY
tDH
tCK
tDO
tDA
POL
OFL
MSB
DO
END OF
CONVERSION
START OF
CONVERSION
Figure 6. Detailed Serial-Interface Timing
The ADC serial interface operates with just SCLK, DIN,
and DOUT (allow sufficient time for the conversion to
complete between read/write operations). Achieve con-
tinuous operation by connecting BUSY to an uncommit-
ted µP I/O or interrupt, to signal the processor when the
conversion results are ready. Figures 8a and 8b show
the timing for SPI/MICROWIRE and QSPI operation.
The fully static 16-bit I/O register allows infinite time
between the two 8-bit read/write operations necessary
to obtain the full 16 bits of data with SPI and
MICROWIRE. CS must remain low during the entire
two-byte transfer (Figure 8a). QSPI allows a full 16-bit
data transfer (Figure 8b).
Interfacing to the 80C32 Microcontroller Family
Figure 7c shows the general 80C32 connection to the
MAX110/MAX111 using Port 1. For a more detailed dis-
cussion, see the MAX110 evaluation kit manual.
I/O Shift Register
Serial data transfer is accomplished with a 16-bit fully
static shift register. The 16-bit control word shifted into
this register during a data-transfer operation controls
the ADC’s various functions. The MSB (NO-OP)
enables/disables transfer of the control word within the
ADC. A logic 1 causes the remaining 15 bits in the con-
trol word to be transferred from the I/O register into the
control register when CS goes high, updating the
ADC’s configuration and starting a new conversion. If
I/O
SCK
MISO
MOSI
MASKABLE
INTERRUPT
SS
a. SPI/QSPI
+5V
µP
CS
SCLK
DOUT
DIN
BUSY
MAX110
MAX111
I/O
SK
SI
SO
MASKABLE
INTERRUPT or I/O
b. MICROWIRE
µP
CS
SCLK
DOUT
DIN
BUSY
P1.0
P1.1
P1.2
P1.3
P1.4
c. 80C51/80C32
µP
CS
SCLK
DIN
DOUT
BUSY
MAX110
MAX111
MAX110
MAX111
Figure 7. Common Serial-Interface Connections



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com