Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX11080 Datasheet (PDF) - Maxim Integrated Products

MAX11080 Datasheet PDF - Maxim Integrated Products
Part # MAX11080
Download  MAX11080 Download
File Size   254.68 Kbytes
Page   27 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description 12-Channel, High-Voltage Battery-Pack Fault Monitor

MAX11080 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX11080 Datasheet PDF - Maxim Integrated Products

Part # MAX11080
Download  MAX11080 Click to download

File Size   254.68 Kbytes
Page   27 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description 12-Channel, High-Voltage Battery-Pack Fault Monitor

MAX11080 Datasheet (HTML) - Maxim Integrated Products


MAX11080 Product details

General Description
The MAX11080/MAX11081 are battery-pack fault-monitor ICs capable of monitoring up to 12 lithium-ion (Li+) battery cells. This device is designed to provide an overvoltage or undervoltage fault indication when any of the cells cross the user-selectable threshold for longer than the set program-delay interval. The overvoltage levels are pin selectable from +3.3V to +4.8V in 100mV increments, and have a guaranteed accuracy of ±25mV over the entire temperature range. The undervoltage level is also user selectable from +1.6V to +2.8V in 200mV increments. These levels are guaranteed to ±100mV over the entire temperature range. Undervoltage detection can be disabled as one of the user-configuration options.

Features
♦ Up to 12-Cell Li+ Battery Voltage Fault Detection
♦ Operation from 6.0V to 72V
♦ Pin-Selectable Overvoltage Threshold from +3.3V to +4.8V in 100mV Increments ±25mV Overvoltage-Detection Accuracy
♦ Pin-Selectable Undervoltage Threshold from
    +1.6V to +2.8V in 200mV Increments
    ±100mV Undervoltage-Detection Accuracy
♦ Overvoltage/Undervoltage-Threshold Detection Hysteresis
    MAX11080: 300mV
    MAX11081: 37.5mV
♦ Programmable Delay Time of Alarm Detection from 3.0ms to 3.32s with an External Capacitor
♦ Daisy-Chained Alarm and Shutdown Functions with Heartbeat Status Signal Up to 31 Devices Can Be Connected
♦ Ultra-Low-Power Dissipation
    Operating-Mode Current Drain: 80µA
    Shutdown-Mode Current: 2µA
♦ Wide Operating Temperature Range from -40°C to +105°C (AEC-Q100, Type 2)
♦ 9.7mm x 4.4mm, 38-Pin TSSOP Package
♦ Lead(Pb)-Free and RoHS Compliant

Applications
    High-Voltage, Multicell-Series-Stacked Battery Systems
    Electric Vehicles
    Hybrid Electric Vehicles
    Electric Bikes
    High-Power Battery Backup
    Solar Cell Battery Backup
    Super-Cap Battery Backup




Similar Part No. - MAX11080

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX11080 MAXIM-MAX11080 Datasheet
423Kb / 29P
12-Channel, High-Voltage Battery-Pack Fault Monitors
2010
MAX11080GUU/V+ MAXIM-MAX11080GUU/V+ Datasheet
423Kb / 29P
12-Channel, High-Voltage Battery-Pack Fault Monitors
2010
MAX11080 MAXIM-MAX11080_V01 Datasheet
423Kb / 29P
12-Channel, High-Voltage Battery-Pack Fault Monitors
2010
More results


Similar Description - MAX11080

ManufacturerPart #DatasheetDescription
logo
TOKO, Inc
TK65010 TOKO-TK65010 Datasheet
51Kb / 8P
BATTERY VOLTAGE MONITOR
logo
Linear Technology
LTC6801 LINER-LTC6801 Datasheet
264Kb / 28P
Independent Multicell Battery Stack Fault Monitor
logo
Intersil Corporation
ISL94203 INTERSIL-ISL94203 Datasheet
1Mb / 64P
3-to-8 Cell Li-ion Battery Pack Monitor
December 5, 2012
logo
Maxim Integrated Produc...
MAX34460 MAXIM-MAX34460 Datasheet
3Mb / 65P
PMBus 12-Channel Voltage Monitor and Sequencer
Rev 0; 9/12
logo
Linear Technology
LTC6801 LINER-LTC6801_15 Datasheet
276Kb / 28P
Independent Multicell Battery Stack Fault Monitor
logo
Intersil Corporation
ISL94203IRTZ INTERSIL-ISL94203IRTZ Datasheet
1Mb / 63P
3-to-8 Cell Li-ion Battery Pack Monitor
August 17, 2015
logo
Renesas Technology Corp
ISL94203 RENESAS-ISL94203 Datasheet
2Mb / 64P
3-to-8 Cell Li-ion Battery Pack Monitor
logo
Beckhoff Automation Gmb...
C9900-U332-0010 BECKHOFF-C9900-U332-0010 Datasheet
103Kb / 2P
Battery pack
logo
Analog Devices
ADBMS6815 AD-ADBMS6815 Datasheet
120Kb / 2P
12-Channel Multicell Battery Monitor
logo
Maxim Integrated Produc...
MAX11080 MAXIM-MAX11080_V01 Datasheet
423Kb / 29P
12-Channel, High-Voltage Battery-Pack Fault Monitors
2010
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com