Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX11080 Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX11080
Description  12-Channel, High-Voltage Battery-Pack Fault Monitor
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX11080 Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX11080 Datasheet HTML 1Page - Maxim Integrated Products MAX11080 Datasheet HTML 2Page - Maxim Integrated Products MAX11080 Datasheet HTML 3Page - Maxim Integrated Products MAX11080 Datasheet HTML 4Page - Maxim Integrated Products MAX11080 Datasheet HTML 5Page - Maxim Integrated Products MAX11080 Datasheet HTML 6Page - Maxim Integrated Products MAX11080 Datasheet HTML 7Page - Maxim Integrated Products MAX11080 Datasheet HTML 8Page - Maxim Integrated Products MAX11080 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 27 page
background image
12-Channel, High-Voltage Battery-Pack
Fault Monitor
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS
(TA = TMIN to TMAX, unless otherwise noted. VDCIN = VGNDu = +6.0V to +72V, typical values are at TA = +25°C, unless otherwise
specified from -40°C to +105°C.)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
HV, VDDU, GNDU, DCIN to AGND.........................-0.3V to +80V
HV to DCIN and C12 ................................................-0.3V to +6V
C2–C12 to AGND ....................................-0.3V to (VDCIN + 0.6V)
Cn+1 to Cn, where n = 2 to 12...............................-0.3V to +80V
C1 to C0 ...................................................-0.3V to +20V (Note 1)
C1 to AGND ..............................-0.3V to (VDCIN + 0.6V) (Note 2)
C0 to AGND...........................................................-0.3V to +0.9V
SHDN, VAA to AGND................................................-0.3V to +4V
VDDU to GNDU.........................................................-0.3V to +6V
OVSEL_, UVSEL_, TOPSEL to AGND ......-0.3V to (+VAA + 0.3V)
CD, ALRML to AGND ...............................-0.3V to (+VAA + 0.3V)
ALRMU to GNDU ...................................-0.3V to (+VDDU + 0.3V)
CP+ to AGND ...........................(GNDU - 0.3V) to (VDDU + 0.3V)
CP- to AGND...........................................-0.3V to (GNDU + 0.3V)
CP- to VDDU .......................................................................+0.3V
ESD Rating
C_, REF, VAA, VDDU GNDU,
DCIN, SHDN, CP+, CP-, HV,
OVSEL_, UVSEL_, TOPSEL,
ALRMU, ALRML,
AGND, CD ..............................±2kV (Human Body Model, Note 3)
Continuous Power Dissipation (TA = +70°C)
38-Pin TSSOP
(derating 15.9mW/°C above +70°C) .........................1095.9mW
Operating Temperature Range .........................-40°C to +105°C
Storage Temperature Range .............................-55°C to +150°C
Junction Temperature (continuous) .................................+150°C
Lead Temperature (soldering, 10s) .................................+300°C
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
C_ INPUTS
Common-Mode Input Range
VCXIN
Any two inputs Cn to Cn+1 for full
threshold accuracy (Note 4)
1.5
72
V
Input Current
ICXIN
VCELL = 3.0V
-1
0.05
+1
µA
Overvoltage Threshold
VOV
+3.3
+4.8
V
Overvoltage-Threshold Accuracy
±5
±25
mV
Undervoltage Threshold
VUV
+1.6
+2.8
V
Undervoltage-Threshold
Accuracy
±20
±100
mV
Comparator Hysteresis
VHYS
300
mV
CD PIN
CD Current
ICD
VCD = 0.4V
4.35
6.1
7.65
µA
CD Trip Voltage
VCD
Internal at comparator
1.23
V
Delay-Time Accuracy
Excluding CDLY variation
±20
%
STATUS/CONTROL PORT
Shutdown Disable (SHDN High
Voltage)
SHDN/VIH
2.1
V
Shutdown Asserted (SHDN Low
Voltage)
SHDN/VIL
0.6
V
Note 1: The C1 to C0 differential input path is tolerant to 80V as long as the SHDN pin is deasserted.
Note 2: The C1 input is tolerant to a maximum VDCIN + 0.6V. If SHDN is asserted, 20V is the maximum rating.
Note 3: Human Body Model to Specification MIL-STD-883 Method 3015.7.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com