Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX11080 Datasheet(PDF) 13 Page - Maxim Integrated Products

Part # MAX11080
Description  12-Channel, High-Voltage Battery-Pack Fault Monitor
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX11080 Datasheet(HTML) 13 Page - Maxim Integrated Products

Back Button MAX11080 Datasheet HTML 9Page - Maxim Integrated Products MAX11080 Datasheet HTML 10Page - Maxim Integrated Products MAX11080 Datasheet HTML 11Page - Maxim Integrated Products MAX11080 Datasheet HTML 12Page - Maxim Integrated Products MAX11080 Datasheet HTML 13Page - Maxim Integrated Products MAX11080 Datasheet HTML 14Page - Maxim Integrated Products MAX11080 Datasheet HTML 15Page - Maxim Integrated Products MAX11080 Datasheet HTML 16Page - Maxim Integrated Products MAX11080 Datasheet HTML 17Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 27 page
background image
referenced voltage is then connected to a set of over-
voltage and undervoltage comparators. The threshold
references for the comparators are set by the UVSEL_
and OVSEL_ input pins. When one of the cell voltages
exceeds VOV or is below VUV when VUV is enabled, the
internal cell out-of-range signal for the given cell is set
and logically ORed with the same signal for the other
cell positions to create an overall out-of-range signal.
When any cells are out-of-range as indicated by the
internal out-of-range signal, an internal current source
begins to charge the capacitor CDLY connected to the
CD pin. If the voltage at the CD pin reaches VCD, the
ALRML line is set to VAA (+2.4V minimum as referred to
AGND). Normally, the ALRML line is a heartbeat signal
with pulses occurring every 250µs. If all cell voltages
transition from out-of-range to in-range before the volt-
age at pin CD reaches VCD, an internal switch clamps
the CD pin to GND. This action discharges CDLY and,
because the delay had not yet expired, no alarm
occurs. Discharging CDLY ensures that the full delay
time occurs for the next overvoltage or undervoltage
event. Figure 8 summarizes the CDLY circuit.
12-Channel, High-Voltage Battery-Pack
Fault Monitor
______________________________________________________________________________________
13
75mV
HYSTERESIS
75mV
HYSTERESIS
SHORT-CIRCUIT
DETECTOR
UNDERVOLTAGE
COMPARATOR
ENABLE
CELL
OUT-OF-RANGE
11
OUT-OF-RANGE
VUV/4
VSC/4
VOV/4
VCELL/4
VCELL/4
VCELL
RSHIFT
RIN*
40M
Ω
TYP
2M
Ω
TYP
AGND
+
-
+
-
VCELL
6M
Ω
TYP
+
-
VCELL/(4 x RSHIFT)
CN
CELLS 2-12
CELL 1
CN+1
HV
Figure 7. Cell Differential Input and Comparator Block Diagram
11
CELL OUT-OF-RANGE
1 TO 12
OUT-OF-RANGE
VAA
ICD
6.1
µA
VCD
THRESHOLD
ALARM
CD
CDLY
6k
Ω
Figure 8. CDLY Circuit Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com