Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX11080 Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX11080
Description  12-Channel, High-Voltage Battery-Pack Fault Monitor
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX11080 Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX11080 Datasheet HTML 1Page - Maxim Integrated Products MAX11080 Datasheet HTML 2Page - Maxim Integrated Products MAX11080 Datasheet HTML 3Page - Maxim Integrated Products MAX11080 Datasheet HTML 4Page - Maxim Integrated Products MAX11080 Datasheet HTML 5Page - Maxim Integrated Products MAX11080 Datasheet HTML 6Page - Maxim Integrated Products MAX11080 Datasheet HTML 7Page - Maxim Integrated Products MAX11080 Datasheet HTML 8Page - Maxim Integrated Products MAX11080 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 27 page
background image
General Description
The MAX11080 is a battery-pack fault-monitor IC capa-
ble of monitoring up to 12 lithium-ion (Li+) battery
cells. This device is designed to provide an overvolt-
age or undervoltage fault indication when any of the
cells cross the user-selectable threshold for longer
than the set program-delay interval. The overvoltage
levels are pin selectable from +3.3V to +4.8V in 100mV
increments, and have a guaranteed accuracy of
±25mV over the entire temperature range. The under-
voltage level is also user selectable from +1.6V to
+2.8V in 200mV increments. These levels are guaran-
teed to ±100mV over the entire temperature range.
Undervoltage detection can be disabled as one of the
user-configuration options.
The MAX11080 has a built-in level-shifter that allows up
to 31 MAX11080 devices to be connected in a daisy-
chain fashion to reduce the number of interface signals
needed for large stacks of series batteries. Each cell is
monitored differentially and compared to the overvolt-
age and undervoltage thresholds. When any of the cells
exceed this threshold for longer than the set program
delay interval, the MAX11080 inhibits the heartbeat sig-
nal from being passed down the daisy chain. Built-in
comparator hysteresis prevents threshold chattering.
The MAX11080 is designed to be the perfect comple-
ment to the MAX11068 high-voltage measurement IC
for redundant fault-monitoring applications. This device
is offered in a 9.7mm x 4.4mm, 38-pin TSSOP package
with 0.5mm pin spacing. The package is lead-free and
RoHS compliant with an extended operating tempera-
ture range of -40°C to +105°C.
Applications
High-Voltage, Multicell-Series-Stacked Battery
Systems
Electric Vehicles
Hybrid Electric Vehicles
Electric Bikes
High-Power Battery Backup
Solar Cell Battery Backup
Super-Cap Battery Backup
Features
o Up to 12-Cell Li+ Battery Voltage Fault Detection
o Operation from 6.0V to 72V
o Pin-Selectable Overvoltage Threshold from +3.3V
to +4.8V in 100mV Increments
±25mV Overvoltage-Detection Accuracy
o Pin-Selectable Undervoltage Threshold from
+1.6V to +2.8V in 200mV Increments
±100mV Undervoltage-Detection Accuracy
o 300mV Over/Undervoltage-Threshold Detection
Hysteresis
o Programmable Delay Time of Alarm Detection
from 3.0ms to 3.32s with an External Capacitor
o Daisy-Chained Alarm and Shutdown Functions
with Heartbeat Status Signal
Up to 31 Devices Can Be Connected
o Ultra-Low-Power Dissipation
Operating-Mode Current Drain: 80µA
Shutdown-Mode Current: 2µA
o Wide Operating Temperature Range from -40°C to
+105°C (AEC-Q100 Type 2)
o 9.7mm x 4.4mm, 38-Pin TSSOP Package
o Lead(Pb) Free and RoHS Compliant
12-Channel, High-Voltage Battery-Pack
Fault Monitor
________________________________________________________________
Maxim Integrated Products
1
Ordering Information
19-4584; Rev 0; 5/09
For pricing, delivery, and ordering information, please contact Maxim Direct at 1-888-629-4642,
or visit Maxim’s website at www.maxim-ic.com.
+
Denotes a lead(Pb)-free/RoHS-compliant package.
/V denotes an automotive qualified part.
PART
TEMP RANGE
PIN-PACKAGE
MAX11080GUU+
-40
°C to +105°C
38 TSSOP
MAX11080GUU/V+
-40
°C to +105°C
38 TSSOP
Pin Configuration appears at end of data sheet.


Similar Part No. - MAX11080

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX11080 MAXIM-MAX11080 Datasheet
423Kb / 29P
12-Channel, High-Voltage Battery-Pack Fault Monitors
2010
MAX11080GUU/V+ MAXIM-MAX11080GUU/V+ Datasheet
423Kb / 29P
12-Channel, High-Voltage Battery-Pack Fault Monitors
2010
MAX11080 MAXIM-MAX11080_V01 Datasheet
423Kb / 29P
12-Channel, High-Voltage Battery-Pack Fault Monitors
2010
More results

Similar Description - MAX11080

ManufacturerPart #DatasheetDescription
logo
TOKO, Inc
TK65010 TOKO-TK65010 Datasheet
51Kb / 8P
BATTERY VOLTAGE MONITOR
logo
Linear Technology
LTC6801 LINER-LTC6801 Datasheet
264Kb / 28P
Independent Multicell Battery Stack Fault Monitor
logo
Intersil Corporation
ISL94203 INTERSIL-ISL94203 Datasheet
1Mb / 64P
3-to-8 Cell Li-ion Battery Pack Monitor
December 5, 2012
logo
Maxim Integrated Produc...
MAX34460 MAXIM-MAX34460 Datasheet
3Mb / 65P
PMBus 12-Channel Voltage Monitor and Sequencer
Rev 0; 9/12
logo
Linear Technology
LTC6801 LINER-LTC6801_15 Datasheet
276Kb / 28P
Independent Multicell Battery Stack Fault Monitor
logo
Intersil Corporation
ISL94203IRTZ INTERSIL-ISL94203IRTZ Datasheet
1Mb / 63P
3-to-8 Cell Li-ion Battery Pack Monitor
August 17, 2015
logo
Renesas Technology Corp
ISL94203 RENESAS-ISL94203 Datasheet
2Mb / 64P
3-to-8 Cell Li-ion Battery Pack Monitor
logo
Beckhoff Automation Gmb...
C9900-U332-0010 BECKHOFF-C9900-U332-0010 Datasheet
103Kb / 2P
Battery pack
logo
Analog Devices
ADBMS6815 AD-ADBMS6815 Datasheet
120Kb / 2P
12-Channel Multicell Battery Monitor
logo
Maxim Integrated Produc...
MAX11080 MAXIM-MAX11080_V01 Datasheet
423Kb / 29P
12-Channel, High-Voltage Battery-Pack Fault Monitors
2010
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com