Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX11080 Datasheet(PDF) 22 Page - Maxim Integrated Products

Part # MAX11080
Description  12-Channel, High-Voltage Battery-Pack Fault Monitor
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX11080 Datasheet(HTML) 22 Page - Maxim Integrated Products

Back Button MAX11080 Datasheet HTML 18Page - Maxim Integrated Products MAX11080 Datasheet HTML 19Page - Maxim Integrated Products MAX11080 Datasheet HTML 20Page - Maxim Integrated Products MAX11080 Datasheet HTML 21Page - Maxim Integrated Products MAX11080 Datasheet HTML 22Page - Maxim Integrated Products MAX11080 Datasheet HTML 23Page - Maxim Integrated Products MAX11080 Datasheet HTML 24Page - Maxim Integrated Products MAX11080 Datasheet HTML 25Page - Maxim Integrated Products MAX11080 Datasheet HTML 26Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 27 page
background image
12-Channel, High-Voltage Battery-Pack
Fault Monitor
22
______________________________________________________________________________________
PIN
NUMBER
NAME
ACTION
EFFECT
Open (or Disconnected)
ALRML goes high (see Note 6).
1
DCIN
Short to Pin 2
ALRML goes high.
Open (or Disconnected)
ALRML goes high.
2HV
Short to Pin 3
No effect.
Open (or Disconnected)
No effect.
3N.C.
Short to Pin 4
No effect.
Open (or Disconnected)
• If open occurs before power-up, the part works as if C12 does not exist
because the internal circuit detects the situation and assumes it is what the
application intended to do. The monitoring of C12 to C11 is disabled and is
not enabled even if the pin is reconnected.
• If open occurs after power-up, it is considered a zero voltage input. ALRML
goes high when the undervoltage is enabled.
4
C12
Short to Pin 5
• If short occurs before power-up, the part works as if C12 does not exist
because the internal circuit detects the situation and assumes it is what the
application intended to do. The monitoring of C12 to C11 is disabled and is
not enabled even if the short is removed.
• If short occurs after power-up, the situation is treated as a zero voltage input
for C12 to C11. ALRML goes high when the undervoltage is enabled.
Open (or Disconnected)
ALRML goes high because it causes an overvoltage to the affected input pair
even if the overvoltage is set to the maximum.
5
C11
Short to Pin 6
• If short occurs before power-up, the part works as if C11 does not exist
because the internal circuit detects the situation and assumes it is what the
application intended to do. The monitoring of C11 to C10 is disabled and is
not enabled even if the short is removed.
• If short occurs after power-up, the situation is treated as a zero voltage input
for C11 to C10. ALRML goes high when the undervoltage is enabled.
Open (or Disconnected)
ALRML goes high as it causes an overvoltage to the affected input pair even if
the overvoltage is set to the maximum.
6
C10
Short to Pin 7
• If short occurs before power-up, the part works as if C10 does not exist
because the internal circuit detects the situation and assumes it is what the
application intended to do. The monitoring of C10 to C9 is disabled and is
not enabled even if the short is removed.
• If short occurs after power-up, the situation is treated as a zero voltage input
for C10 to C9. ALRML goes high when the undervoltage is enabled.
Open (or Disconnected)
ALRML goes high as it causes an overvoltage to the affected input pair even if
the overvoltage is set to the maximum.
7C9
Short to Pin 8
• If short occurs before power-up, the part works as if C9 does not exist
because the internal circuit detects the situation and assumes it is what the
application intended to do. The monitoring of C9 to C8 is disabled and is not
enabled even if the short is removed.
• If short occurs after power-up, the situation is treated as a zero voltage input
for C9 to C8. ALRML goes high when the undervoltage is enabled.
Table 4. FEMA Analysis (Note 5)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com