Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX11080 Datasheet(PDF) 21 Page - Maxim Integrated Products

Part # MAX11080
Description  12-Channel, High-Voltage Battery-Pack Fault Monitor
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX11080 Datasheet(HTML) 21 Page - Maxim Integrated Products

Back Button MAX11080 Datasheet HTML 17Page - Maxim Integrated Products MAX11080 Datasheet HTML 18Page - Maxim Integrated Products MAX11080 Datasheet HTML 19Page - Maxim Integrated Products MAX11080 Datasheet HTML 20Page - Maxim Integrated Products MAX11080 Datasheet HTML 21Page - Maxim Integrated Products MAX11080 Datasheet HTML 22Page - Maxim Integrated Products MAX11080 Datasheet HTML 23Page - Maxim Integrated Products MAX11080 Datasheet HTML 24Page - Maxim Integrated Products MAX11080 Datasheet HTML 25Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 27 page
background image
tion for this test-mode compare level. If all comparators
can detect the internally generated overvoltage test
event, part operation continues. If any comparator fails
to detect the internally generated overvoltage test
event, a fault is signaled using the ALRML pin. The
device must be power cycled to retest the comparators
and attempt to clear this fault condition.
Failure Mode and Effects Analysis
High-voltage battery-pack systems can be subjected to
severe stresses during in-service fault conditions and
could experience similar conditions during the manu-
facturing and assembly process. The MAX11080 is
designed with high regard to these potential states.
Open and short circuits at the package level must be
readily detected for fault diagnosis and should be toler-
ated whenever possible. A number of circuits are
employed within the MAX11080 specifically to detect
such conditions and progress to a known device state.
Table 3 summarizes other conditions typical in a normal
manufacturing process along with their effect on the
MAX11080 device.
See Table 4 for the FEMA analysis of the MAX11080. If
the cell voltage is within the monitor range, the heart-
beatsignal on the ALRML resumes once the fault condi-
tion (either open or short) is removed, unless specified.
12-Channel, High-Voltage Battery-Pack
Fault Monitor
______________________________________________________________________________________
21
CONDITION
EFFECT
DESIGN RECOMMENDATION
PCB or IC package open or short circuit—
no stack load
Refer to the pin-level FMEA analysis
spreadsheet available from the factory
The built-in features of the MAX11080
should ensure low FMEA risk in most
cases.
Random connection of cells to IC—
no stack load
No effect
The series resistors on the cell inputs of
the MAX11080 as well as the internal
design ensure protection against random
power supply or ground connections.
Random connection of modules—
no stack load
No effect
Each module is referenced to its neighbor,
so no special connection order is
necessary.
Random connect/disconnect of
communication bus—no stack load;
AC- or DC-coupled
Communication from host to the first break
in the daisy-chain bus
The level-shifted interface design of the
MAX11080 ensures that the
SHDN, GNDU,
and ALRM_ communication bus can be
connected at any time with no load.
Random connect/disconnect of
communication bus—with stack load;
AC- or DC-coupled
Communication from host to the first break
in the daisy-chain bus
The level-shifted interface design of the
MAX11080 ensures that the
SHDN, GNDU,
ALRM_ communication bus can be
connected at any time as long as the
power bus is properly connected.
Connect/disconnect module interconnect
(bus bar)—no stack load
No effect for DC- or AC-coupled
communication bus
A break in the power bus does not cause
a problem as long as there is no load on
the stack.
Removal/fault of module interconnect
(bus bar)—with stack load
No effect for AC-coupled communication
bus; device damage for DC-coupled bus
An AC-coupled bus with isolation on the
SHDN pin or a redundant bus-bar
connection should be used to protect
against this case.
Removal/fault of module interconnect
(bus bar)—with stack under charge
No effect for AC-coupled communication
bus; device damage for DC-coupled bus
An AC-coupled bus with isolation on the
SHDN pin or a redundant bus-bar
connection should be used to protect
against this case.
Table 3. System Fault Modes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com