Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX11080 Datasheet(PDF) 14 Page - Maxim Integrated Products

Part # MAX11080
Description  12-Channel, High-Voltage Battery-Pack Fault Monitor
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX11080 Datasheet(HTML) 14 Page - Maxim Integrated Products

Back Button MAX11080 Datasheet HTML 10Page - Maxim Integrated Products MAX11080 Datasheet HTML 11Page - Maxim Integrated Products MAX11080 Datasheet HTML 12Page - Maxim Integrated Products MAX11080 Datasheet HTML 13Page - Maxim Integrated Products MAX11080 Datasheet HTML 14Page - Maxim Integrated Products MAX11080 Datasheet HTML 15Page - Maxim Integrated Products MAX11080 Datasheet HTML 16Page - Maxim Integrated Products MAX11080 Datasheet HTML 17Page - Maxim Integrated Products MAX11080 Datasheet HTML 18Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 27 page
background image
12-Channel, High-Voltage Battery-Pack
Fault Monitor
14
______________________________________________________________________________________
Once the ALRML pin is forced high due to an alarm
(+2.4V minimum as referred to AGND), it transitions
back to a heartbeat signal only after all battery cells
meet the following condition:
(VOV - VHYS) > VCELL(ALL) > (VUV + VHYS)
Examples of cell-voltage readings and their effect on
the alarm status are shown in Figures 9 and 10 for sin-
gle- and multiple-cell systems. In the case where an
upper module is forwarding an active alarm condition
down the daisy chain, that condition continues to be
propagated toward the host regardless of the alarm
state of any lower module. Furthermore, to circumvent
the possibility of a short-circuited capacitor connected
to CD preempting the fault-time validation process, a
redundant built-in delay of 4s nominal is asserted as a
backup. If the VCD threshold is not reached within 4s of
an out-of-range event, the alarm becomes active.
Programmable Delay Time
The alarm trigger delay time is calculated according to
the following equations:
tDLY = (VCD x CDLY)/ICD
CDLY = (tDLY x ICD)/VCD
The effective ICD value of the current source is 6.1µA
typical and the threshold voltage, VCD, is 1.23V typical.
The VCD threshold is specified at an internal node prior
to the resistor in series with the CD pin as shown in
Figure 8. The threshold voltage seen at the pin is
approximately 1.18V due to the drop associated with
the typical ICD value and the 6k
Ω resistor. The
MAX11080 can operate with capacitor values from
15nF (3.0ms) to 16.5µF (3.32s). Each capacitor should
have a voltage tolerance of 5V minimum.
Cell-Voltage Threshold Selection
The overvoltage and undervoltage threshold selection
is configured through the OVSEL_ and UVSEL_ inputs.
The overvoltage selection can be configured from 3.3V
to 4.8V in 100mV increments. The undervoltage thresh-
old can be configured from 1.6V to 2.8V in 200mV
increments. The undervoltage detection can also be
disabled. See Tables 1 and 2 for the proper configura-
tion settings.
Immunity to unintended changes in the threshold volt-
age setting (due to accidental pin-to-pin short circuits,
for example) is provided. The customer-programmed
selection is sensed and stored at power-up and any
subsequent change to the input pin status is ignored.
OVERVOLTAGE SELECTION
THRESHOLD (V)
OVSEL3
OVSEL2
OVSEL1
OVSEL0
3.3
0
0
0
0
3.4
0
0
0
1
3.5
0
0
1
0
3.6
0
0
1
1
3.7
0
1
0
0
3.8
0
1
0
1
3.9
0
1
1
0
4.0
0
1
1
1
4.1
1
0
0
0
4.2
1
0
0
1
4.3
1
0
1
0
4.4
1
0
1
1
4.5
1
1
0
0
4.6
1
1
0
1
4.7
1
1
1
0
4.8
1
1
1
1
Table 1. Overvoltage Threshold Selection



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com