Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SET Datasheet(PDF) 1 Page - MERITEK ELECTRONICS CORPORATION

Part # SET
Description  Load Life : 125C 2000 hours
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MERITEK [MERITEK ELECTRONICS CORPORATION]
Direct Link  http://www.meritekusa.com
Logo MERITEK - MERITEK ELECTRONICS CORPORATION

SET Datasheet(HTML) 1 Page - MERITEK ELECTRONICS CORPORATION

  SET Datasheet HTML 1Page - MERITEK ELECTRONICS CORPORATION SET Datasheet HTML 2Page - MERITEK ELECTRONICS CORPORATION SET Datasheet HTML 3Page - MERITEK ELECTRONICS CORPORATION SET Datasheet HTML 4Page - MERITEK ELECTRONICS CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Rev. 7a
Surface Mount Aluminum
Electrolytic Capacitors
MERITEK
SET Series
(Extended Temperature)
RoHS
FEATURES
 Load Life : 125°C 2000 hours
 For High Density Mounting
SPECIFICATIONS
Item
Characteristic
Operation Temperature Range
-40 ~ +125°C
Rated Working Voltage
10 ~ 50VDC
Capacitance Tolerance
(120Hz 20°C)
±20%(M)
Leakage Current
(20°C)
I ≤0.01CV or 3 ( µA )
*Whichever is greater after 2 minutes
I: Leakage Current ( µA)
C: Rated Capacitance ( µF)
V: Working Voltage (V)
Surge Voltage
(20°C)
W.V.
10
16
25
35
50
S.V.
13
20
32
44
63
Dissi
pation Factor (tan δ)
(120Hz 20°C)
W.V.
10
16
25
35
50
tan
δ
0.32
0.24
0.21
0.18
0.18
Low Temperature Stability
Impedance ratio at 120Hz
Rated Voltage (V)
10
16
25
35
50
-25°C / +20°C
4
3
2
2
2
-40°C / +20°C
12
8
6
4
4
Load Life
After 2000 hours application of W.V. and +125°C ripple current value, the capacitor shall meet the
following limits. (DC + ripple peak voltage
≤ rate working voltage)
Capacitance Change
≤ ±30% of initial value
Dissipation Factor
≤ 300% of initial specified value
Leakage current
≤ initial specified value
Shelf Life
At +125°C, no voltage application after 1000 hours, the capacitor shall meet the limits for load life
characteristics. (With voltage treatment)
Resistance to Soldering Heat
Capacitors placed on a 250°C hot plate for 30 seconds with their electrode terminals facing
downward will fulfill the following conditions after being cooled to room temperature.
Capacitance Change
≤ ±10% of initial value
Dissipation Factor
≤ initial specified value
Leakage current
≤ initial specified value
PART NUMBERING SYSTEM
SET
50V
470
M
J
102
Meritek Series
Voltage
Capacitance
Capacit
ance expressed in microfarads (μF).
First two digits are significant figures.
Third digit denotes number of zeros.
'R' d
enotes decimal point for values less than 10 μF
Tolerance
M=±20%
Case Diameter Code
Case Height (mm)
The third digit denotes the first decimal place
For example, 102 = 10.2mm
Case Diameter Code
Φ D
H
Φ 8.0
J
Φ 10.0


Similar Part No. - SET

ManufacturerPart #DatasheetDescription
logo
Conquer Electronics Co....
SET CONQUER-SET Datasheet
166Kb / 1P
6.1 x 2.6 x 2.6 mm (2410)
logo
Micro Electronics
SET-0901 MICRO-ELECTRONICS-SET-0901 Datasheet
568Kb / 3P
SMD MODEM TRANSFORMER
SET-0902 MICRO-ELECTRONICS-SET-0902 Datasheet
568Kb / 3P
SMD MODEM TRANSFORMER
logo
StarHope
SET-SPE06R SPSEMI-SET-SPE06R Datasheet
120Kb / 4P
Surge & ESD Protection Device SPE06R Series
SET-SPE06S SPSEMI-SET-SPE06S Datasheet
124Kb / 4P
Surge & ESD Protection Device SPE06S Series
More results

Similar Description - SET

ManufacturerPart #DatasheetDescription
logo
MERITEK ELECTRONICS COR...
SHTL MERITEK-SHTL Datasheet
773Kb / 4P
Load life : 105C 2000 hours.
SLL MERITEK-SLL Datasheet
737Kb / 4P
Load Life : 85C 2000 hours
SRF MERITEK-SRF Datasheet
793Kb / 4P
Load Life : 105C 1000~2000 hours
WT MERITEK-WT Datasheet
907Kb / 6P
High reliability withstanding 2000 hours load life at 125C.
logo
jb Capacitors Company
JCD JBCAPACITORS-JCD Datasheet
241Kb / 4P
Load life of 1000 ~ 2000 hours
JCE JBCAPACITORS-JCE Datasheet
260Kb / 2P
Load life of 2000~3000 hours
logo
Illinois Capacitor, Inc...
474TMA100M ILLINOISCAPACITOR-474TMA100M_16 Datasheet
267Kb / 3P
Extended Life, 2000 hours
logo
United Chemi-Con, Inc.
EMVJ6R3ADA CHEMI-CON-EMVJ6R3ADA Datasheet
317Kb / 1P
2000-hours-life, 105?
EMVJ100ADA CHEMI-CON-EMVJ100ADA Datasheet
317Kb / 1P
2000-hours-life, 105?
EMVJ250ADA CHEMI-CON-EMVJ250ADA Datasheet
317Kb / 1P
2000-hours-life, 105?
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com