Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SET Datasheet(PDF) 2 Page - MERITEK ELECTRONICS CORPORATION

Part # SET
Description  Load Life : 125C 2000 hours
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MERITEK [MERITEK ELECTRONICS CORPORATION]
Direct Link  http://www.meritekusa.com
Logo MERITEK - MERITEK ELECTRONICS CORPORATION

SET Datasheet(HTML) 2 Page - MERITEK ELECTRONICS CORPORATION

  SET Datasheet HTML 1Page - MERITEK ELECTRONICS CORPORATION SET Datasheet HTML 2Page - MERITEK ELECTRONICS CORPORATION SET Datasheet HTML 3Page - MERITEK ELECTRONICS CORPORATION SET Datasheet HTML 4Page - MERITEK ELECTRONICS CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Rev. 7a
Surface Mount Aluminum
Electrolytic Capacitors
MERITEK
SET Series
(Extended Temperature)
RoHS
DIMENSIONS (mm)
Φ D
L
A
H
I
W
P
K
Φ 8.0
10.2
8.3
10.0MAX
3.4
0.90±0.2
3.1
0.70 ± 0.2
Φ 10.0 10.2
8.3
12.0MAX
3.5
0.90±0.2
4.6
0.70 ± 0.2
CASE SIZE & MAX RIPPLE CURRENT
Cap.
(µF)
V
10
16
25
35
50
Item
DxL
R.C.
DxL
R.C.
DxL
R.C.
DxL
R.C.
DxL
R.C.
10
100
8x10.2
34
22
220
8x10.2
50
33
330
8x10.2
60
47
470
8x10.2
75
10x10.2
85
100
101
8x10.2
70
8x10.2
75
10x10.2
120
220
221
8x10.2
90
10x10.2
120
10x10.2
120
330
331
10x10.2
120
Case size
: D x L
(mm)
Max ripple current
: mA(rms) 125°C 120Hz



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com