Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADAM-5000L/TCP Datasheet(PDF) 1 Page - Advantech Co., Ltd.

Part # ADAM-5000L/TCP
Description  8-slot Distributed DA&C System for Ethernet
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

ADAM-5000L/TCP Datasheet(HTML) 1 Page - Advantech Co., Ltd.

  ADAM-5000L/TCP Datasheet HTML 1Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
www.advantech.com/products
Online Download
Features
Introduction
The ADAM-5000L/TCP and ADAM-5000/TPC are both Ethernet-based I/O systems. Without a repeater, the ADAM-5000L/TCP and ADAM-5000/TCP can cover a communication
distance up to 100 m. This allows remote configuration via Ethernet and sixteen PCs can simultaneously access the data. The ADAM-5000L/TCP and ADAM-5000/TCP are the
solutions for easy configuration and efficient management. It is an ideal and cost-effective solution for eAutomation architecture.
ADAM-5000L/TCP
ADAM-5000/TCP
ƒ Cortex M4 CPU
ƒ 10/100Base-T auto-negotiation high-speed communication port
ƒ Supports Modbus/TCP for easy integration
ƒ Supports UDP event handling function
ƒ Up to 100 m communication distance w/o repeater
ƒ Allows remote configuration via Ethernet
ƒ Allows concurrent access for 16 host PCs
ƒ 4 I/O slots for up to 64 points and 8 I/O slots for up to 128 points data
monitoring and control
ƒ 1500 VDC isolation for Ethernet communication
ƒ Built-in watchdog timer for system auto-reset
ƒ Windows utility
- I/O modules configuration and calibration
- Network auto searching
- Data stream setting
- Current status monitoring and alarm trigger
ƒ Provides C and .NET class library to develop applications
ƒ Support GCL function for easy IO interlocking logic
Specifications
Control System
ƒ
CPU
Cortex M4
ƒ
I/O Slots
ADAM-5000L/TCP: 4
ADAM-5000/TCP: 8
ƒ
Memory
Flash ROM:1 MB
ƒ
Operating System
Real-time OS
ƒ
LED Indicators
Power (3.3 V)
RUN
Communication (Link, Active, 10/100 Mbps, Tx, Rx)
ƒ
Storage
1 x MicroSD slot
Communications (Ethernet)
ƒ
Data Transfer Rate
Up to 100 Mbps
ƒ
Event Response Time < 5 ms
ƒ
Interface
2 x RJ-45 sharing one MAC Address
ƒ
Wiring
UTP, category 5 or greater
Communications (Serial)
ƒ
Comm. Distance
RS-485: 1.2 km (4000 feet)
RS-232: 15 m
ƒ
Comm. Protocol
Modbus/RTU
ƒ
Data Transfer Rate
Up to 115.2 kbps
ƒ
Interface
1 x DB9-M for RS-485
1 x DB9-F for RS-485
1 x DB9-F for RS-232 (System Monitoring)
ƒ
Max. Nodes
15 (in RS-485 daisy-chain network for Remote I/O
connection)
Power
ƒ
Power Consumption
4.0 W @ 24 VDC (ADAM-5000L/TCP)
(not including I/O modules)
5.0 W @ 24 VDC (ADAM-5000/TCP)
(not including I/O modules)
ƒ
Power Input
Unregulated 10 ~ 30 VDC
Software
ƒ
API
VS.NET Llass Library
ƒ
Windows Utility
Network setting, I/O configuration & calibration, data
stream, alarm setting
ƒ
Modbus/TCP OPC Server
Protection
ƒ
Communication Line
3.000 VDC
Isolation
ƒ
I/O Module Isolation
3.000 VDC
ƒ
LAN Communication
1.500 VDC
ƒ
Overvoltage Protection Yes
ƒ
Power Reversal
Yes
Protection
General
ƒ
Certification
CE, FCC class A
ƒ
Connectors
1 x DB9-M/DB9-F/screw terminal for RS-485
(communication)
1 x DB9-F for RS-232 (internal use)
1 x Screw-terminal for power input
2 x RJ-45 for LAN
ƒ
Dimensions (W x H x D) ADAM-5000L/TCP: 231 x 110 x 75 mm
ADAM-5000/TCP: 355 x 110 x 75 mm
ƒ
Enclosure
ABS+PC
ƒ
Mounting
DIN-rail, wall
Environment
ƒ
Operating Humidity
5 ~ 95%, non-condensing
ƒ
Operating Temperature - 10 ~ 70°C (14 ~ 158°F)
ƒ
Storage Temperature
- 25 ~ 85°C (-13 ~ 185°F)
Ordering Information
ƒ
ADAM-5000L/TCP
4-slot Ethernet-based Distributed DA & C System
ƒ
ADAM-5000/TCP
8-slot Ethernet-based Distributed DA & C System
4-slot Distributed DA&C System for
Ethernet
8-slot Distributed DA&C System for
Ethernet
ADAM-5000/TCP
ADAM-5000L/TCP
RoHS
COMPLIANT
2002/95/EC
All product specifications are subject to change without notice
Last updated : 5-May-2015


Similar Part No. - ADAM-5000L/TCP

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
ADAM-5000L ADVANTECH-ADAM-5000L Datasheet
113Kb / 2P
4-slot Ethernet-based Distributed DA&C System
ADAM-5000L-TCP ADVANTECH-ADAM-5000L-TCP Datasheet
113Kb / 2P
4-slot Ethernet-based Distributed DA&C System
More results

Similar Description - ADAM-5000L/TCP

ManufacturerPart #DatasheetDescription
logo
Zarlink Semiconductor I...
MVTX2804 ZARLINK-MVTX2804 Datasheet
2Mb / 174P
8-Port 1000 Mbps Ethernet Distributed Switch
logo
Emerson Network Power
DS450-3 EMERSON-NETWORKPOWER-DS450-3 Datasheet
180Kb / 3P
Distributed Power System
DS450DC-3 EMERSON-NETWORKPOWER-DS450DC-3 Datasheet
613Kb / 4P
Distributed Power System
DS1200 EMERSON-NETWORKPOWER-DS1200 Datasheet
644Kb / 4P
Distributed Power System
DS1300-3 EMERSON-NETWORKPOWER-DS1300-3 Datasheet
274Kb / 4P
Distributed Power System
logo
Advantech Co., Ltd.
ADAM-5000 ADVANTECH-ADAM-5000 Datasheet
153Kb / 2P
Distributed DA&C System Based on RS-485
ADAM-5000L ADVANTECH-ADAM-5000L Datasheet
113Kb / 2P
4-slot Ethernet-based Distributed DA&C System
ADAM-5000.485 ADVANTECH-ADAM-5000.485_15 Datasheet
208Kb / 1P
4-slot Distributed DA&C System for RS-485
ADAM-5000ECAT ADVANTECH-ADAM-5000ECAT_15 Datasheet
223Kb / 1P
4-slot Distributed High Speed I/O System for EtherCAT
logo
Artesyn Technologies
DS1200-3 ARTESYN-DS1200-3 Datasheet
1Mb / 5P
Distributed Power System
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com