Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRGS14C40LPBF Datasheet(PDF) 2 Page - International Rectifier

Part # IRGS14C40LPBF
Description  MOST RUGGED IN INDUSTRY
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRGS14C40LPBF Datasheet(HTML) 2 Page - International Rectifier

  IRGS14C40LPBF Datasheet HTML 1Page - International Rectifier IRGS14C40LPBF Datasheet HTML 2Page - International Rectifier IRGS14C40LPBF Datasheet HTML 3Page - International Rectifier IRGS14C40LPBF Datasheet HTML 4Page - International Rectifier IRGS14C40LPBF Datasheet HTML 5Page - International Rectifier IRGS14C40LPBF Datasheet HTML 6Page - International Rectifier IRGS14C40LPBF Datasheet HTML 7Page - International Rectifier IRGS14C40LPBF Datasheet HTML 8Page - International Rectifier IRGS14C40LPBF Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
www.irf.com
11/19/04
IRGS14C40LPbF
IRGSL14C40LPbF
IRGB14C40LPbF
Ignition IGBT
Page 2
Off-State Electrical Charasteristics @ TJ = 25°C (unless otherwise specified)
Parameter
Min Typ Max
Unit
Conditions
Fig
BVCES Collector-to-Emitter Breakdown Voltage
370
400
430
V
R G = 1K ohm, I C=7A, VGE = 0V
BVGES Gate-to-Emitter Breakdown Voltage
10
12
V
I G=2m A
I CES
Collector-to-Emitter Leakage Current
15
µA
R G=1K ohm, VCE = 250V
100
µA
R G=1K ohm, VCE = 250V, TJ =150°C
BVCER Emitter-to-Collector Breakdown Voltage
24
28
V
I C = -10m A
R 1
Gate Series Resistance
75
ohm
R 2
Gate-to-Emitter Resistance
10
20
30
K ohm
On-State Electrical Charasteristics @ TJ = 25°C (unless otherwise specified)
Parameter
Min Typ Max
Unit
Conditions
Fig
1.2
1.40
I C = 7A, VGE = 4.5V
VCE(on) Collector-to-Emitter Saturation
1.35 1.55
V
I C = 10A, VGE = 4.5V
1
Voltage
1.35 1.55
I C = 10A, VGE = 4.5V, TC= -40
o
C
2
1.5
1.7
I C = 14A, VGE = 5.0V, TC= -40
o
C
4
1.55 1.75
I C = 14A, VGE = 5.0V
1.6
1.8
I C = 14A, VGE = 5.0V, TC=150
o
C
VGE(th) Gate Threshold Voltage
1.3
1.8
2.2
V
VCE = VGE, I C = 1 m A, TC=25
o
C
3, 5
0.75
1.8
VCE = VGE, I C = 1 m A, TC=150
o
C
8
gfs
Transconductance
10
15
19
S
VCE = 25V, I C = 10A, TC=25
o
C
I C
Collector Current
20
A
VCE = 10V, VGE = 4.5V
Switching Characteristics @ TJ = 25°C (unless otherwise specified)
Parameter
Min Typ Max
Unit
Conditions
Fig
Q g
Total Gate charge
27
I C = 10A, VCE=12V, VGE=5V
7
Q ge
Gate - Emitter Charge
2.5
nC
I C = 10A, VCE=12V, VGE=5V
15
Q gc
Gate - Collector Charge
10
I C = 10A, VCE=12V, VGE=5V
t d(on) Turn - on delay time
0.6
0.9
1.35
VGE=5V, RG=1K ohm, L=1mH, VCE=14V
12
t r
Rise time
1.6
2.8
4
µs
VGE=5V, RG=1K ohm, L=1mH, VCE=14V
14
t d(off) Turn - off delay time
3.7
6
8.3
VGE=5V, RG=1K ohm, L=1mH, VCE=300V
C ies
Input Capacitance
550
825
VGE=0V, VCE=25V, f=1M H z
C oes
Output Capacitance
100
150
pF
VGE=0V, VCE=25V, f=1M H z
6
C res
Reverse Transfer Capacitance
12
18
VGE=0V, VCE=25V, f=1M H z
25
L=0.7m H, TC=25°C
I L
Self-Clamped
15.5
A
L=2.2m H, TC=25°C
9
Inductive Switching Current
11.5
L=4.7m H, TC=25°C
10
16.5
L=1.5m H, TC=150°C
13
7.5
L=4.7m H, TC=150°C
14
6
L=8.7m H, TC=150°C
TJ =150
o
C,
t SC
Short Circuit Withstand Time
120
µs
VCC = 16V, L = 10µH
14
R G = 1K ohm, VGE = 5V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com