Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRGS14C40LPBF Datasheet(PDF) 1 Page - International Rectifier

Part # IRGS14C40LPBF
Description  MOST RUGGED IN INDUSTRY
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRGS14C40LPBF Datasheet(HTML) 1 Page - International Rectifier

  IRGS14C40LPBF Datasheet HTML 1Page - International Rectifier IRGS14C40LPBF Datasheet HTML 2Page - International Rectifier IRGS14C40LPBF Datasheet HTML 3Page - International Rectifier IRGS14C40LPBF Datasheet HTML 4Page - International Rectifier IRGS14C40LPBF Datasheet HTML 5Page - International Rectifier IRGS14C40LPBF Datasheet HTML 6Page - International Rectifier IRGS14C40LPBF Datasheet HTML 7Page - International Rectifier IRGS14C40LPBF Datasheet HTML 8Page - International Rectifier IRGS14C40LPBF Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
www.irf.com
11/19/04
IRGS14C40LPbF
IRGSL14C40LPbF
IRGB14C40LPbF
Ignition IGBT
Page 1
IGBT with on-chip Gate-Emitter and Gate-Collector clamps
Features
• Most Rugged in Industry
• Logic-LevelGateDrive
• > 6KV ESD Gate Protection
• Low Saturation Voltage
• High Self-clamped Inductive Switching Energy
• Lead-Free
Description
The advanced IGBT process family includes a
MOS gated, N-channel logic level device which
is intended for coil-on-plug automotive ignition
applications and small-engine ignition circuits.
Unique features include on-chip active voltage
clamps between the Gate-Emitter and
Gate-Collector which provide over voltage
protection capability in ignition circuits.
Collector
Emitter
Gate
R2
R1
TERMINAL DIAGRAM
NOTE: IRGS14C40L is available in tape and reel. Add a suffix of
TRR or TRL to the part number to determine the orientation of the
device in the pocket, i.e, IRGS14C40LTRR or IRGS14C40LTRL.
JEDEC TO-220AB
IRGB14C40L
JEDEC TO-262AA
IRGSL14C40L
JEDEC TO-263AB
IRGS14C40L
•BVCES = 370V min, 430V max
•IC @ TC = 110°C = 14A
•VCE(on) typ= 1.2V @7A @25°C
•IL(min)=11.5A @25°C,L=4.7mH
Absolute Maximum Ratings
Parameter
Max
Unit
Condition
VCES
Collector-to-Emitter Voltage
Clamped
V
RG = 1K ohm
IC @ TC = 25°C
Continuous Collector Current
20
A
VGE = 5V
IC @ TC = 110°C
Continuous Collector Current
14
A
VGE = 5V
IG
Continuous Gate Current
1
mA
IGp
Peak Gate Current
10
mA tPK = 1ms, f = 100Hz
VGE
Gate-to-Emitter Voltage
Clamped
V
PD @ TC = 25°C
Maximum Power Dissipation
125
W
PD @ T = 110°C Maximum Power Dissipation
54
W
TJ
Operating Junction and
- 40 to 175
°C
TSTG
Storage Temperature Range
- 40 to 175
°C
VESD
Electrostatic Voltage
6
KV C = 100pF, R = 1.5K ohm
IL
Self-clamped Inductive Switching Current
11.5
A
L = 4.7mH, T = 25°C
Thermal Resistance
Parameter
Min
Typ
Max
Unit
RθJC
Thermal Resistance, Junction-to-Case
1.2
RθJA
Thermal Resistance, Junction-to-Ambient
40
°C/W
(PCB Mounted, Steady State)
ZθJC
Transient Thermal Impedance, Juction-to-Case (Fig.11)
PD - 95193A


Similar Part No. - IRGS14C40LPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRGS14C40LPBF IRF-IRGS14C40LPBF Datasheet
288Kb / 11P
IGBT with on-chip Gate-Emitter and Gate-Collector clamps
More results

Similar Description - IRGS14C40LPBF

ManufacturerPart #DatasheetDescription
logo
JDS Uniphase Corporatio...
ETB8000EHP JDSU-ETB8000EHP Datasheet
621Kb / 2P
The industry?셲 most compact 100 G test solution
logo
Switchcraft, Inc.
R-5-SW SWITCH-R-5-SW Datasheet
330Kb / 2P
The most common use for Switch Probes is in the cable harness testing industry.
logo
Productwell Precision E...
RKJXK3001 PRODUCTWELL-RKJXK3001_14 Datasheet
525Kb / 3P
Most miniaturized series in our joystick controllers
logo
STMicroelectronics
AN1966 STMICROELECTRONICS-AN1966 Datasheet
184Kb / 14P
In most of their applications
11-Oct-2007
logo
International Rectifier
IRGB14C40LPBF IRF-IRGB14C40LPBF_15 Datasheet
256Kb / 12P
MOST RUGGED IN INDUSTRY
logo
TT Electronics.
PFC-HT TTELEC-PFC-HT Datasheet
668Kb / 2P
Available in industry standard 0603
logo
Lumileds Lighting Compa...
PB68 LUMILEDS-PB68 Datasheet
1Mb / 2P
High flux and efficacy on industry?셲 most widely used color LED platform
PB209 LUMILEDS-PB209 Datasheet
1Mb / 2P
Industry?셲 most compact, highest drive current 3V mid power LED
DS209 LUMILEDS-DS209 Datasheet
3Mb / 20P
Industry?셲 most compact, highest drive current 3V mid power LED
logo
EXCEL CELL ELECTRONIC C...
2T0612 ECE-2T0612 Datasheet
966Kb / 2P
Diameter ?? step motor is the industry?셲 most sophisticated micro step motor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com