Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRGS4045DPBF Datasheet(PDF) 2 Page - International Rectifier

Part # IRGS4045DPBF
Description  INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRGS4045DPBF Datasheet(HTML) 2 Page - International Rectifier

  IRGS4045DPBF Datasheet HTML 1Page - International Rectifier IRGS4045DPBF Datasheet HTML 2Page - International Rectifier IRGS4045DPBF Datasheet HTML 3Page - International Rectifier IRGS4045DPBF Datasheet HTML 4Page - International Rectifier IRGS4045DPBF Datasheet HTML 5Page - International Rectifier IRGS4045DPBF Datasheet HTML 6Page - International Rectifier IRGS4045DPBF Datasheet HTML 7Page - International Rectifier IRGS4045DPBF Datasheet HTML 8Page - International Rectifier IRGS4045DPBF Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
IRGS4045DPbF
www.irf.com © 2012 International Rectifier
October 10, 2012
2
Notes:
 VCC = 80% (VCES), VGE = 15V, L = 1.0mH, RG = 47
‚ Pulse width limited by max. junction temperature.
ƒ Ris measured at TJ approximately 90°C.
„ Refer to AN-1086 for guidelines for measuring V(BR)CES safely.
… When mounted on 1" square PCB (FR-4 or G-10 Material). For recommended footprint and soldering techniques refer to application note #AN-994.
† Maximum limits are based on statistical sample size characterization.
Electrical Characteristics @ TJ = 25°C (unless otherwise specified)
Parameter
Min.
Typ.
Max.
Units
Conditions
V(BR)CES
Collector-to-Emitter Breakdown Voltage
600
—
—
V
VGE = 0V, Ic =100 μA f
V(BR)CES/TJ
Temperature Coeff. of Breakdown Voltage
—
0.36
—
V/°C VGE = 0V, Ic = 250μA ( 25 -175
oC ) f
—1.7
2.0
IC = 6.0A, VGE = 15V, TJ = 25°C
VCE(on)
Collector-to-Emitter Saturation Voltage
—
2.07
—
V
IC = 6.0A, VGE = 15V, TJ = 150°C
—2.14
—
IC = 6.0A, VGE = 15V, TJ = 175°C
VGE(th)
Gate Threshold Voltage
4.0
—
6.5
V
VCE = VGE, IC = 150μA
VGE(th)/TJ
Threshold Voltage temp. coefficient
—
-13
—
mV/°C VCE = VGE, IC = 250μA ( 25 -175
oC )
gfe
Forward Transconductance
—
5.8
—
S
VCE = 25V, IC = 6.0A, PW =80s
ICES
——
25
μA
VGE = 0V,VCE = 600V
——
250
VGE = 0V, VCE = 600V, TJ =175°C
VFM
—1.60
2.30
V
IF = 6.0A
—1.30
—
IF = 6.0A, TJ = 175°C
IGES
Gate-to-Emitter Leakage Current
—
—
±100
nA
VGE = ± 20 V
Switching Characteristics @ TJ = 25°C (unless otherwise specified)
Parameter
Min.
Typ.
Max.h Units
Qg
Total Gate Charge (turn-on)
—
13
19.5
IC = 6.0A
Qge
Gate-to-Emitter Charge (turn-on)
—
3.1
4.65
nC
VCC = 400V
Qgc
Gate-to-Collector Charge (turn-on)
—
6.4
9.6
VGE = 15V
Eon
Turn-On Switching Loss
—
56
86
IC = 6.0A, VCC = 400V, VGE = 15V
Eoff
Turn-Off Switching Loss
—
122
143
μJRG = 47, L=1mH, LS= 150nH, TJ = 25°C
Etotal
Total Switching Loss
—
178
229
Energy los s es include tail anddioderevers e recovery
td(on)
Turn-On delay time
—
27
35
IC = 6.0A, VCC = 400V
tr
Rise time
—
11
15
ns
RG = 47, L=1mH, LS= 150nH
td(off)
Turn-Off delay time
—
75
93
TJ = 25°C
tf
Fall time
—
17
22
Eon
Turn-On Switching Loss
—
140
—
IC = 6.0A, VCC = 400V, VGE = 15V
Eoff
Turn-Off Switching Loss
—
189
—
μJ
RG = 47, L=1mH, LS= 150nH, TJ = 175°C
Etotal
Total Switching Loss
—
329
—
Energy los s es include tail anddioderevers e recovery
td(on)
Turn-On delay time
—
26
—
IC = 6.0A, VCC = 400V
tr
Rise time
—
12
—
ns
RG = 47, L=1mH, LS= 150nH
td(off)
Turn-Off delay time
—
95
—
TJ = 175°C
tf
Fall time
—
32
—
Cies
Input Capacitance
—
350
—
VGE = 0V
Coes
Output Capacitance
—
29
—
VCC = 30V
Cres
Reverse Transfer Capacitance
—
10
—
f = 1Mhz
TJ = 175°C, IC = 24A
RBSOA
Reverse Bias Safe Operating Area
FULL SQUARE
VCC = 500V, Vp =600V
RG = 100, VGE = +20V to 0V
VCC = 400V, Vp =600V
RG = 100, VGE = +15V to 0V
Erec
Reverse recovery energy of the diode
—
178
—
μJTJ = 175
oC
trr
Diode Reverse recovery time
—
74
—
ns
VCC = 400V, IF = 6.0A
Irr
Peak Reverse Recovery Current
—
12
—
A
VGE = 15V, Rg = 47, L=1mH, LS=150nH
Diode Forward Voltage Drop
Collector-to-Emitter Leakage Current
SCSOA
Short Circuit Safe Operating Area
—
5
μs
pF
Conditions
—



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com