Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRGS4045DPBF Datasheet(PDF) 1 Page - International Rectifier

Part # IRGS4045DPBF
Description  INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRGS4045DPBF Datasheet(HTML) 1 Page - International Rectifier

  IRGS4045DPBF Datasheet HTML 1Page - International Rectifier IRGS4045DPBF Datasheet HTML 2Page - International Rectifier IRGS4045DPBF Datasheet HTML 3Page - International Rectifier IRGS4045DPBF Datasheet HTML 4Page - International Rectifier IRGS4045DPBF Datasheet HTML 5Page - International Rectifier IRGS4045DPBF Datasheet HTML 6Page - International Rectifier IRGS4045DPBF Datasheet HTML 7Page - International Rectifier IRGS4045DPBF Datasheet HTML 8Page - International Rectifier IRGS4045DPBF Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
INSULATED GATE BIPOLAR TRANSISTOR WITH
ULTRAFAST SOFT RECOVERY DIODE
*Qualification standards can be found at http://www.irf.com/
www.irf.com © 2012 International Rectifier
October 10, 2012
1
Base part number
Package Type
Orderable Part Number
Form
Quantity
IRGS4045DPbF
D2Pak
Tube
50
IRGS4045DPbF
Tape and Reel Left
800
IRGS4045DTRLPbF
Tape and Reel Right
800
IRGS4045DTRRPbF
Standard Pack
Absolute Maximum Ratings
Parameter
Max.
Units
VCES
Collector-to-Emitter Breakdown Voltage
V
IC@ TC = 25°C
Continuous Collector Current
IC@ TC = 100°C
Continuous Collector Current
ICM
Pulsed Collector Current, VGE = 15V
ILM
Clamped Inductive Load Current, VGE = 20V c
A
IF@TC=25°C
Diode Continuous Forward Current
IF@TC=100°C
Diode Continuous Forward Current
IFM
Diode Maximum Forward Current
d
Continuous Gate-to-Emitter Voltage
V
Transient Gate-to-Emitter Voltage
PD @ TC =25°
Maximum Power Dissipation
W
PD @ TC =100°
Maximum Power Dissipation
TJ
Operating Junction and
°C
TSTG
Storage Temperature Range
Soldering Temperature, for 10 seconds
Thermal Resistance
Parameter
Min.
Typ.
Max.
Units
RJC
Junction-to-Case - IGBT
e
–––
–––
1.9
RJC
Junction-to-Case - Diode
e
–––
–––
6.3
RCS
Case-to-Sink, Flat, Greased Surface
–––
0.5
–––
RJA
Junction-to-Ambient (PCB Mountet, steady-state)
g
–––
–––
40
°C/W
VGE
600
12
6.0
18
24
8.0
4.0
24
-55 to + 175
300 (0.063 in. (1.6mm) from case)
± 20
± 30
77
39
IRGS4045DPbF
G
C
E
Gate
Colletor
Emitter
D2-Pak
IRGS4045DPbF
G
C
E
E
G
n-channel
C
Features
Benefits
High efficiency in a wide range of applications and
switching frequencies
Square RBSOA and maximum junction temperature 175°C
Improved reliability due to rugged hard switching performance
and higher power capability
Positive VCE(ON) temperature coefficient and tighter
distribution of parameters
Excellent current sharing in parallel operation
5μs short circuit SOA
Enables short circuit protection scheme
Ultra fast soft recovery copak diode
Performance optimized for motor drive operation
Lead-free, RoHS compliant
Environmentally friendly
Low VCE(ON) and switching losses
VCES = 600V
IC  6.0A, TC = 100°C
tsc > 5µs, Tjmax = 175°C
VCE(on) typ.  1.7V
Applications
Appliance Motor Drive
Inverters
SMPS


Similar Part No. - IRGS4045DPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRGS4045DPbF IRF-IRGS4045DPbF Datasheet
322Kb / 12P
INSULATED GATE BIPOLAR TRANSISTOR WITH UL TRAFAST SOFT RECOVERY DIODE
More results

Similar Description - IRGS4045DPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRG4BC10SDPBF IRF-IRG4BC10SDPBF Datasheet
267Kb / 10P
INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE
IRGB4059DPBF IRF-IRGB4059DPBF Datasheet
286Kb / 10P
INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODEINSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE
IRGB4064DPBF IRF-IRGB4064DPBF Datasheet
370Kb / 10P
INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODEINSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE
IRGI4061DPBF IRF-IRGI4061DPBF Datasheet
288Kb / 10P
INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODEINSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE
IRG4IBC20KDPBF IRF-IRG4IBC20KDPBF Datasheet
278Kb / 10P
INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE
IRG4PH30KDPBF IRF-IRG4PH30KDPBF Datasheet
468Kb / 10P
INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE
IRGIB10B60KD1P IRF-IRGIB10B60KD1P Datasheet
452Kb / 13P
INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE
IRGR3B60KD2PBF IRF-IRGR3B60KD2PBF Datasheet
317Kb / 14P
INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE
IRG4PC40UDPBF IRF-IRG4PC40UDPBF Datasheet
3Mb / 11P
INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE
IRG4PSH71UDPBF IRF-IRG4PSH71UDPBF Datasheet
239Kb / 11P
INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com