Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HSMS-2829 Datasheet(PDF) 3 Page - AVAGO TECHNOLOGIES LIMITED

Part # HSMS-2829
Description  Surface Mount RF Schottky Barrier Diodes
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HSMS-2829 Datasheet(HTML) 3 Page - AVAGO TECHNOLOGIES LIMITED

  HSMS-2829 Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED HSMS-2829 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED HSMS-2829 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HSMS-2829 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HSMS-2829 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HSMS-2829 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HSMS-2829 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HSMS-2829 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HSMS-2829 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
3
Quad Capacitance
Capacitance of Schottky diode quads is measured using
an HP4271 LCR meter. This instrument effectively isolates
individual diode branches from the others, allowing ac‑
curate capacitance measurement of each branch or each
diode. The conditions are: 20 mV R.M.S. voltage at 1 MHz.
Avago defines this measurement as “CM”, and it is equiv‑
alent to the capacitance of the diode by itself. The equiv‑
alent diagonal and adjacent capaci‑tances can then be
calculated by the formulas given below.
In a quad, the diagonal capacitance is the capacitance be‑
tween points A and B as shown in the figure below. The
diagonal capacitance is calculated using the following
formula
SPICE Parameters
Parameter
Units
HSMS-282x
B
V
V
15
C
J0
pF
0.7
E
G
eV
0.69
I
BV
A
1E‑4
I
S
A
2.2E‑8
N
1.08
R
S
Ω
6.0
P
B
V
0.65
P
T
2
M
0.5
ESD WARNING: Handling Precautions Should Be Taken To Avoid Static Discharge.
Linear Equivalent Circuit Model Diode Chip
The equivalent adjacent capacitance is the capacitance
between points A and C in the figure below. This capaci‑
tance is calculated using the following formula
C1
C2
C4
C3
A
B
C
C1 x C 2
C3 x C 4
CDIAGONAL = _______ + _______
C1 + C 2
C 3 + C 4
1
CADJACENT = C 1 + ____________
1
1
1
–– + –– + ––
C 2 C3 C4
R j =
8.33 X 10 -5 nT
I b + I s
This information does not apply to cross‑over quad di‑
odes.
C1 x C 2
C3 x C 4
CDIAGONAL = _______ + _______
C1 + C 2
C 3 + C 4
1
CADJACENT = C 1 + ____________
1
1
1
–– + –– + ––
C 2 C3 C4
R j =
8.33 X 10 -5 nT
I b + I s
Cj
Rj
RS
Rj =
8.33 X 10-5 nT
Ib + Is
RS = series resistance (see Table of SPICE parameters)
Cj = junction capacitance (see Table of SPICE parameters)
where
Ib = externally applied bias current in amps
Is = saturation current (see table of SPICE parameters)
T = temperature, K
n = ideality factor (see table of SPICE parameters)
Note:
To e ectively model the packaged HSMS-282x product,
please refer to Application Note AN1124.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com