Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HSMS-2829 Datasheet(PDF) 4 Page - AVAGO TECHNOLOGIES LIMITED

Part # HSMS-2829
Description  Surface Mount RF Schottky Barrier Diodes
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HSMS-2829 Datasheet(HTML) 4 Page - AVAGO TECHNOLOGIES LIMITED

  HSMS-2829 Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED HSMS-2829 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED HSMS-2829 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HSMS-2829 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HSMS-2829 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HSMS-2829 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HSMS-2829 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HSMS-2829 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HSMS-2829 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
4
Typical Performance, T
C = 25°C (unless otherwise noted), Single Diode
Figure 1. Forward Current vs. Forward Voltage at
Temperatures.
0
0.10
0.20
0.30
0.50
0.40
VF – FORWARD VOLTAGE (V)
0.01
10
1
0.1
100
TA = +125C
TA = +75C
TA = +25C
TA = –25C
Figure 2. Reverse Current vs. Reverse Voltage at
Temperatures.
0
5
15
VR – REVERSE VOLTAGE (V)
10
1
1000
100
10
100,000
10,000
TA = +125C
TA = +75C
TA = +25C
Figure 3. Total Capacitance vs. Reverse Voltage.
0
2
8
6
VR – REVERSE VOLTAGE (V)
4
0
0.6
0.4
0.2
1
0.8
Figure 4. Dynamic Resistance vs. Forward Current.
0.1
1
100
IF – FORWARD CURRENT (mA)
10
1
10
1000
100
VF - FORWARD VOLTAGE (V)
Figure 5. Typical Vf Match, Series Pairs and Quads at
Mixer Bias Levels.
30
10
1
0.3
30
10
1
0.3
0.2
0.4
0.6
0.8
1.0
1.2
1.4
IF (Left Scale)
VF (Right Scale)
VF - FORWARD VOLTAGE (V)
Figure 6. Typical Vf Match, Series Pairs at Detector Bias
Levels.
100
10
1
1.0
0.1
0.10
0.15
0.20
0.25
IF (Left Scale)
VF (Right Scale)
Figure 7. Typical Output Voltage vs. Input Power,
Small Signal Detector Operating at 850 MHz.
-40
-30
18 nH
RF in
3.3 nH
100 pF
100 K
HSMS-282B Vo
0
Pin – INPUT POWER (dBm)
-10
-20
0.001
0.01
1
0.1
-25C
+25C
+75C
DC bias = 3 A
Figure 8. Typical Output Voltage vs. Input Power,
Large Signal Detector Operating at 915 MHz.
-20
-10
RF in
100 pF
4.7 K
68
HSMS-282B
Vo
30
Pin – INPUT POWER (dBm)
10
20
0
1E-005
0.0001
0.001
10
0.1
1
0.01
+25C
LOCAL OSCILLATOR POWER (dBm)
Figure 9. Typical Conversion Loss vs. L.O. Drive, 2.0 GHz
(Ref AN997).
12
10
9
8
7
6
2
0
6
8
10
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com