Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NFSL757G Datasheet(PDF) 8 Page - NICHIA CORPORATION

Part # NFSL757G
Description  Built-in ESD Protection Device
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NICHIA [NICHIA CORPORATION]
Direct Link  http://www.nichia.co.jp
Logo NICHIA - NICHIA CORPORATION

NFSL757G Datasheet(HTML) 8 Page - NICHIA CORPORATION

Back Button NFSL757G Datasheet HTML 4Page - NICHIA CORPORATION NFSL757G Datasheet HTML 5Page - NICHIA CORPORATION NFSL757G Datasheet HTML 6Page - NICHIA CORPORATION NFSL757G Datasheet HTML 7Page - NICHIA CORPORATION NFSL757G Datasheet HTML 8Page - NICHIA CORPORATION NFSL757G Datasheet HTML 9Page - NICHIA CORPORATION NFSL757G Datasheet HTML 10Page - NICHIA CORPORATION NFSL757G Datasheet HTML 11Page - NICHIA CORPORATION NFSL757G Datasheet HTML 12Page - NICHIA CORPORATION Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 25 page
background image
NICHIA STS-DA1-3538B <Cat.No.150417>
7
OUTLINE DIMENSIONS
STS-DA7-7100
NFSx757G
管理番号
No.
(単位 Unit: mm)
This product complies with RoHS Directive.
本製品は
RoHS指令に適合しております。
*
(単位 Unit: mm, 公差 Tolerance: ±0.2)
保護素子
Protection Device
KA
項目
Item
パッケージ材質
Package Materials
封止樹脂材質
Encapsulating Resin
Materials
電極材質
Electrodes Materials
質量
Weight
内容
Description
耐熱性ポリマー
Heat-Resistant Polymer
シリコーン樹脂
(拡散剤
+蛍光体入り)
Silicone Resin
(with diffuser and phosphor)
銅合金
+銀メッキ
Ag-plated Copper Alloy
0.018g(TYP)
The dimension(s) in parentheses are for reference purposes.
括弧で囲まれた寸法は参考値です。
*
Dimensions do not include mold flash.
バリは寸法に含まないものとします。
*
The side with the larger distance is the cathode.
Example: a>b, then a is the side that has the cathode.
a>bとなる場合、aがカソード側です。
*
Cathode Mark
3
(
2.6)
0.65
1.42
Cathode
Anode
0.48
2.6
a
(Cathode)
b
(Anode)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com