Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NFSL757G Datasheet(PDF) 4 Page - NICHIA CORPORATION

Part # NFSL757G
Description  Built-in ESD Protection Device
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NICHIA [NICHIA CORPORATION]
Direct Link  http://www.nichia.co.jp
Logo NICHIA - NICHIA CORPORATION

NFSL757G Datasheet(HTML) 4 Page - NICHIA CORPORATION

  NFSL757G Datasheet HTML 1Page - NICHIA CORPORATION NFSL757G Datasheet HTML 2Page - NICHIA CORPORATION NFSL757G Datasheet HTML 3Page - NICHIA CORPORATION NFSL757G Datasheet HTML 4Page - NICHIA CORPORATION NFSL757G Datasheet HTML 5Page - NICHIA CORPORATION NFSL757G Datasheet HTML 6Page - NICHIA CORPORATION NFSL757G Datasheet HTML 7Page - NICHIA CORPORATION NFSL757G Datasheet HTML 8Page - NICHIA CORPORATION NFSL757G Datasheet HTML 9Page - NICHIA CORPORATION Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 25 page
background image
NICHIA STS-DA1-3538B <Cat.No.150417>
3
Rank
sm2750a
Rank
sm2750b
Rank
sm2750c
Rank
sm2750d
Rank
sm2750e
Rank
sm2750f
Center Point
x
0.4578
y
0.4101
Minor Axis
a
0.006760
Major Axis
b
0.013120
Ellipse Rotation Angle
Φ
-36.05
Rank
sm3050a
Rank
sm3050b
Rank
sm3050c
Rank
sm3050d
Rank
sm3050e
Rank
sm3050f
Center Point
x
0.4338
y
0.4030
Minor Axis
a
0.006845
Major Axis
b
0.013985
Ellipse Rotation Angle
Φ
-36.00
Rank
sm3550a
Rank
sm3550b
Rank
sm3550c
Rank
sm3550d
Rank
sm3550e
Rank
sm3550f
Center Point
x
0.4073
y
0.3917
Minor Axis
a
0.006830
Major Axis
b
0.014660
Ellipse Rotation Angle
Φ
-35.47
Rank
sm4050a
Rank
sm4050b
Rank
sm4050c
Rank
sm4050d
Rank
sm4050e
Rank
sm4050f
Center Point
x
0.3818
y
0.3797
Minor Axis
a
0.006785
Major Axis
b
0.015470
Ellipse Rotation Angle
Φ
-35.95
Rank
sm4550a
Rank
sm4550b
Rank
sm4550c
Rank
sm4550d
Rank
sm4550e
Rank
sm4550f
Center Point
x
0.3611
y
0.3658
Minor Axis
a
0.006420
Major Axis
b
0.015015
Ellipse Rotation Angle
Φ
-34.33
* Ranking at TS=25°C.
* Forward Voltage Tolerance: ±0.05V
* Luminous Flux Tolerance: ±5%
* Color Rendering Index Ra Tolerance: ±2
* Color Rendering Index R9 Tolerance: ±4
* The R9 value for the above rank shall be greater than 0.
* Chromaticity Coordinate Tolerance: ±0.003
* LEDs from the above ranks will be shipped.
The rank combination ratio per shipment will be decided by Nichia.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com