Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NTCWS024B Datasheet(PDF) 3 Page - NICHIA CORPORATION

Part # NTCWS024B
Description  Built-in ESD Protection Device
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NICHIA [NICHIA CORPORATION]
Direct Link  http://www.nichia.co.jp
Logo NICHIA - NICHIA CORPORATION

NTCWS024B Datasheet(HTML) 3 Page - NICHIA CORPORATION

  NTCWS024B Datasheet HTML 1Page - NICHIA CORPORATION NTCWS024B Datasheet HTML 2Page - NICHIA CORPORATION NTCWS024B Datasheet HTML 3Page - NICHIA CORPORATION NTCWS024B Datasheet HTML 4Page - NICHIA CORPORATION NTCWS024B Datasheet HTML 5Page - NICHIA CORPORATION NTCWS024B Datasheet HTML 6Page - NICHIA CORPORATION NTCWS024B Datasheet HTML 7Page - NICHIA CORPORATION NTCWS024B Datasheet HTML 8Page - NICHIA CORPORATION NTCWS024B Datasheet HTML 9Page - NICHIA CORPORATION Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 23 page
background image
NICHIA STS-DA1-3093B <Cat.No.150401>
2
RANKS
Item
Rank
Min
Max
Unit
Forward Voltage
-
33.5
38.5
V
E800
800
900
E700
700
800
Luminous Flux
E600
600
700
lm
Rnn
Ra
-
-
-
R70
Ra
70
-
-
Ra
80
-
-
Color Rendering Index
R8000
R9
0
-
-
Color Ranks
Rank sm503
Rank sm573
Rank sm653
x
0.3447
0.3287
0.3123
Center Point
y
0.3553
0.3417
0.3282
* Ranking at TC=25°C.
* Forward Voltage Tolerance: ±0.35V
* Luminous Flux Tolerance: ±7%
* Color Rendering Index Ra Tolerance: ±2
* Color Rendering Index R9 Tolerance: ±6.5
* The R9 value for the above rank shall be greater than 0.
* Chromaticity Coordinate Tolerance: ±0.005
* The color rank has a chromaticity range within a 3-step MacAdam ellipse.
* LEDs from the above ranks will be shipped.
The rank combination ratio per shipment will be decided by Nichia.
Luminous Flux Ranks by Color Rank, Color Rendering Index Rank
Ranking by
Luminous Flux
Ranking by
Color Coordinates,
Color Rendering Index
E600
E700
E800
Rnn,R70
sm503
R8000
sm573,sm653
R70



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com