Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NTCWS024B Datasheet(PDF) 4 Page - NICHIA CORPORATION

Part # NTCWS024B
Description  Built-in ESD Protection Device
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NICHIA [NICHIA CORPORATION]
Direct Link  http://www.nichia.co.jp
Logo NICHIA - NICHIA CORPORATION

NTCWS024B Datasheet(HTML) 4 Page - NICHIA CORPORATION

  NTCWS024B Datasheet HTML 1Page - NICHIA CORPORATION NTCWS024B Datasheet HTML 2Page - NICHIA CORPORATION NTCWS024B Datasheet HTML 3Page - NICHIA CORPORATION NTCWS024B Datasheet HTML 4Page - NICHIA CORPORATION NTCWS024B Datasheet HTML 5Page - NICHIA CORPORATION NTCWS024B Datasheet HTML 6Page - NICHIA CORPORATION NTCWS024B Datasheet HTML 7Page - NICHIA CORPORATION NTCWS024B Datasheet HTML 8Page - NICHIA CORPORATION NTCWS024B Datasheet HTML 9Page - NICHIA CORPORATION Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 23 page
background image
NICHIA STS-DA1-3093B <Cat.No.150401>
3
CHROMATICITY DIAGRAM
5000K
5700K
6500K
0.25
0.30
0.35
0.40
0.25
0.30
0.35
0.40
x
sm503
sm653
sm573
黒体放射軌跡
Blackbody Locus



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com