Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SHTL Datasheet(PDF) 2 Page - MERITEK ELECTRONICS CORPORATION

Part # SHTL
Description  Load life : 105C 2000 hours.
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MERITEK [MERITEK ELECTRONICS CORPORATION]
Direct Link  http://www.meritekusa.com
Logo MERITEK - MERITEK ELECTRONICS CORPORATION

SHTL Datasheet(HTML) 2 Page - MERITEK ELECTRONICS CORPORATION

  SHTL Datasheet HTML 1Page - MERITEK ELECTRONICS CORPORATION SHTL Datasheet HTML 2Page - MERITEK ELECTRONICS CORPORATION SHTL Datasheet HTML 3Page - MERITEK ELECTRONICS CORPORATION SHTL Datasheet HTML 4Page - MERITEK ELECTRONICS CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Rev. 7a
Surface Mount Aluminum
Electrolytic Capacitors
MERITEK
SHTL Series
(105°C, 2000 hours)
RoHS
DIMENSIONS (mm)
Φ D
L
A
H
I
W
P
K
Φ 4.0
5.8
4.3
5.5MAX
1.8
0.65±0.1
1.0
0.35
+0.15
-0.20
Φ 5.0
5.8
5.3
6.5MAX
2.2
0.65±0.1
1.5
0.35
+0.15
-0.20
Φ 6.3
5.8
6.6
7.8MAX
2.6
0.65±0.1
2.1
0.35
+0.15
-0.20
Φ 8.0
6.2
8.3
9.5MAX
3.4
0.65±0.1
2.2
0.35
+0.15
-0.20
Φ 8.0
10.2
8.3
10.0MAX
3.4
0.90±0.2
3.1
0.70 ± 0.2
Φ 10.0 10.2
10.3
12.0MAX
3.5
0.90±0.2
4.6
0.70 ± 0.2
CASE SIZE & MAX RIPPLE CURRENT
Cap.
(µF)
V
4
6.3
10
16
25
35
50
Item
DxL
R.C.
DxL
R.C.
DxL
R.C.
DxL
R.C.
DxL
R.C.
DxL
R.C.
DxL
R.C.
0.10
0R1
4x5.8
3
0.22
R22
4x5.8
4
0.33
R33
4x5.8
5
0.47
R47
4x5.8
6
1.0
010
4x5.8
8
2.2
2R2
4x5.8
12
3.3
3R3
4x5.8
15
4.7
4R7
4x5.8
15
4x5.8
18
5x5.8
20
6.8
6R8
4x5.8
18
5x5.8
22
5x5.8
24
10
100
4x5.8
20
5x5.8
25
5x5.8
26
6.3x5.8
33
22
220
4x5.8
20
4x5.8
24
5x5.8
30
5x5.8
34
6.3x5.8
42
6.3x5.8
45
8x10.2
75
33
330
4x5.8
25
4x5.8
30
5x5.8
37
6.3x5.8
48
6.3x5.8
50
8x6.2
70
8x10.2
90
47
470
4x5.8
30
5x5.8
41
6.3x5.8
50
6.3x5.8
55
8x6.2
75
8x10.2
100
10x10.2
120
100
101
5x5.8
49
6.3x5.8
70
6.3x5.8
75
8x10.2
120
8x10.2
140
10x10.2
170
150
151
6.3x5.8
70
8x6.2
95
8x6.2
110
8x10.2
150
8x10.2
170
220
221
6.3x5.8
85
8x10.2
140
8x10.2
160
10x10.2
210
10x10.2
230
330
331
8x10.2
140
8x10.2
170
8x10.2
200
10x10.2
260
470
470
8x10.2
170
8x10.2
200
10x10.2
270
Case size
: D x L
(mm)
Max ripple current
: mA(rms) 105°C 120Hz



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com