Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SHTL Datasheet(PDF) 3 Page - MERITEK ELECTRONICS CORPORATION

Part # SHTL
Description  Load life : 105C 2000 hours.
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MERITEK [MERITEK ELECTRONICS CORPORATION]
Direct Link  http://www.meritekusa.com
Logo MERITEK - MERITEK ELECTRONICS CORPORATION

SHTL Datasheet(HTML) 3 Page - MERITEK ELECTRONICS CORPORATION

  SHTL Datasheet HTML 1Page - MERITEK ELECTRONICS CORPORATION SHTL Datasheet HTML 2Page - MERITEK ELECTRONICS CORPORATION SHTL Datasheet HTML 3Page - MERITEK ELECTRONICS CORPORATION SHTL Datasheet HTML 4Page - MERITEK ELECTRONICS CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Rev. 7a
Surface Mount Aluminum
Electrolytic Capacitors
MERITEK
SHTL Series
(105°C, 2000 hours)
RoHS
TAPING
D x L
W
±0.3
A
±0.2
B
±0.2
P0
±0.1
P1
±0.1
P2
±0.1
F
±0.1
ØD0
±0.1
t1
±0.1
E
±0.1
t2
±0.2
Ø4x5.4
12.0
4.7
4.7
4.0
8.0
2.0
5.5
1.5
0.4
1.75
5.7
Ø5x5.4
12.0
5.7
5.7
4.0
12.0
2.0
5.5
1.5
0.4
1.75
5.7
Ø6.3x5.4
16.0
7.0
7.0
4.0
12.0
2.0
7.5
1.5
0.4
1.75
5.7
Ø4x5.8
12.0
4.7
4.7
4.0
8.0
2.0
5.5
1.5
0.4
1.75
6.3
Ø5x5.8
12.0
5.7
5.7
4.0
12.0
2.0
5.5
1.5
0.4
1.75
6.4
Ø6.3x5.8
16.0
7.0
7.0
4.0
12.0
2.0
7.5
1.5
0.4
1.75
6.4
Ø6.3x7.7
16.0
7.0
7.0
4.0
12.0
2.0
7.5
1.5
0.4
1.75
8.2
Ø8x6.2
16.0
8.7
8.7
4.0
12.0
2.0
7.5
1.5
0.4
1.75
6.8
Ø8x10.2
24.0
8.7
8.7
4.0
16.0
2.0
11.5
1.5
0.4
1.75
11.0
Ø10x10.2
24.0
10.7
10.7
4.0
16.0
2.0
11.5
1.5
0.4
1.75
11.0
PACKAGE
D x L
A
±2.0
B
MIN
C
±0.5
D
±0.8
E
±0.5
W
±1.0
T
±1.0
t
±0.5
Ø4 Ø5
380
50
13
21
2.0
14.0
20.0
3.0
Ø6.3
380
50
13
21
2.0
18.0
24.0
3.0
Ø8x6.2
380
50
13
21
2.0
18.0
24.0
3.0
Ø8x10.2
380
50
13
21
2.0
26.0
32.0
3.0
Ø10x10.2
380
50
13
21
2.0
26.0
32.0
3.0



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com