Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NVCLL024Z Datasheet(PDF) 2 Page - NICHIA CORPORATION

Part # NVCLL024Z
Description  Built-in ESD Protection Device
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NICHIA [NICHIA CORPORATION]
Direct Link  http://www.nichia.co.jp
Logo NICHIA - NICHIA CORPORATION

NVCLL024Z Datasheet(HTML) 2 Page - NICHIA CORPORATION

  NVCLL024Z Datasheet HTML 1Page - NICHIA CORPORATION NVCLL024Z Datasheet HTML 2Page - NICHIA CORPORATION NVCLL024Z Datasheet HTML 3Page - NICHIA CORPORATION NVCLL024Z Datasheet HTML 4Page - NICHIA CORPORATION NVCLL024Z Datasheet HTML 5Page - NICHIA CORPORATION NVCLL024Z Datasheet HTML 6Page - NICHIA CORPORATION NVCLL024Z Datasheet HTML 7Page - NICHIA CORPORATION NVCLL024Z Datasheet HTML 8Page - NICHIA CORPORATION NVCLL024Z Datasheet HTML 9Page - NICHIA CORPORATION Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
NICHIA STS-DA1-3577A <Cat.No.150421>
1
SPECIFICATIONS
(1) Absolute Maximum Ratings
Item
Symbol
Absolute Maximum Rating
Unit
Forward Current
IF
2200
mA
Pulse Forward Current
IFP
3300
mA
Allowable Reverse Current
IR
85
mA
Power Dissipation
PD
84
W
Operating Temperature
Topr
-40~105
°C
Storage Temperature
Tstg
-40~100
°C
Junction Temperature
TJ
150
°C
* Absolute Maximum Ratings at TC=25°C.
* IFP conditions with pulse width ≤10ms and duty cycle ≤10%.
* The operating Temperature (Topr) range is the range of case temperatures.
(2) Initial Electrical/Optical Characteristics
Item
Symbol
Condition
Typ
Max
Unit
Forward Voltage
VF
IF=1200mA
35.4
-
V
Luminous Flux
Φv
IF=1200mA
5220
-
lm
R70
Color Rendering Index
Ra
IF=1200mA
73
-
-
Luminous Flux
Φv
IF=1200mA
4710
-
lm
R8000
Color Rendering Index
Ra
IF=1200mA
83
-
-
Luminous Flux
Φv
IF=1200mA
4100
-
lm
R9050
Color Rendering Index
Ra
IF=1200mA
93
-
-
x
-
IF=1200mA
0.4338
-
-
Chromaticity Coordinate
y
-
IF=1200mA
0.4030
-
-
Thermal Resistance
RθJC
-
0.80
0.88
°C/W
* Characteristics at TC=25°C.
* Luminous Flux value as per CIE 127:2007 standard.
* Chromaticity Coordinates as per CIE 1931 Chromaticity Chart.
* RθJC is Thermal Resistance from junction to TC measuring point.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com