Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NVCLL024Z Datasheet(PDF) 3 Page - NICHIA CORPORATION

Part # NVCLL024Z
Description  Built-in ESD Protection Device
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NICHIA [NICHIA CORPORATION]
Direct Link  http://www.nichia.co.jp
Logo NICHIA - NICHIA CORPORATION

NVCLL024Z Datasheet(HTML) 3 Page - NICHIA CORPORATION

  NVCLL024Z Datasheet HTML 1Page - NICHIA CORPORATION NVCLL024Z Datasheet HTML 2Page - NICHIA CORPORATION NVCLL024Z Datasheet HTML 3Page - NICHIA CORPORATION NVCLL024Z Datasheet HTML 4Page - NICHIA CORPORATION NVCLL024Z Datasheet HTML 5Page - NICHIA CORPORATION NVCLL024Z Datasheet HTML 6Page - NICHIA CORPORATION NVCLL024Z Datasheet HTML 7Page - NICHIA CORPORATION NVCLL024Z Datasheet HTML 8Page - NICHIA CORPORATION NVCLL024Z Datasheet HTML 9Page - NICHIA CORPORATION Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
NICHIA STS-DA1-3577A <Cat.No.150421>
2
RANKS
Item
Rank
Min
Max
Unit
Forward Voltage
-
32.6
38.2
V
Q0504
5040
6180
Q0500
5000
6120
Q0486
4860
5940
Q0477
4770
5830
Q0469
4690
5750
Q0465
4650
5690
Q0462
4620
5660
Q0446
4460
5460
Q0423
4230
5190
Q0405
4050
4970
Q0402
4020
4920
Q0392
3920
4800
Q0383
3830
4690
Q0369
3690
4510
Luminous Flux
Q0354
3540
4340
lm
R70
Ra
70
-
-
Ra
80
-
-
R8000
R9
0
-
-
Ra
90
-
-
Color Rendering Index
R9050
R9
50
-
-
Color Ranks
Rank sm243
Rank sm273
Rank sm303
Rank sm353
Rank sm403
Rank sm453
x
0.4829
0.4578
0.4338
0.4073
0.3818
0.3611
Center Point
y
0.4144
0.4101
0.4030
0.3917
0.3797
0.3658
* Ranking at TC=25°C.
* Forward Voltage Tolerance: ±0.35V
* Luminous Flux Tolerance: ±7%
* Color Rendering Index Ra Tolerance: ±2
* Color Rendering Index R9 Tolerance: ±6.5
* The R9 value for the above rank shall be greater than 0.
* Chromaticity Coordinate Tolerance: ±0.005
* The color rank has a chromaticity range within a 3-step MacAdam ellipse.
* LEDs from the above ranks will be shipped.
The rank combination ratio per shipment will be decided by Nichia.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com