Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NVELJ048Z Datasheet(PDF) 15 Page - NICHIA CORPORATION

Part # NVELJ048Z
Description  Built-in ESD Protection Device
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NICHIA [NICHIA CORPORATION]
Direct Link  http://www.nichia.co.jp
Logo NICHIA - NICHIA CORPORATION

NVELJ048Z Datasheet(HTML) 15 Page - NICHIA CORPORATION

Back Button NVELJ048Z Datasheet HTML 11Page - NICHIA CORPORATION NVELJ048Z Datasheet HTML 12Page - NICHIA CORPORATION NVELJ048Z Datasheet HTML 13Page - NICHIA CORPORATION NVELJ048Z Datasheet HTML 14Page - NICHIA CORPORATION NVELJ048Z Datasheet HTML 15Page - NICHIA CORPORATION NVELJ048Z Datasheet HTML 16Page - NICHIA CORPORATION NVELJ048Z Datasheet HTML 17Page - NICHIA CORPORATION NVELJ048Z Datasheet HTML 18Page - NICHIA CORPORATION NVELJ048Z Datasheet HTML 19Page - NICHIA CORPORATION Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 24 page
background image
NICHIA STS-DA1-3610A <Cat.No.150421>
14
FORWARD CURRENT CHARACTERISTICS / TEMPERATURE CHARACTERISTICS
NVELJ048Z
管理番号
No. STS-DA7-7393
TaVf
35
40
45
50
55
60
-60 -40 -20
0
20
40
60
80 100 120
TaIv
0.6
0.8
1.0
1.2
1.4
-60 -40 -20
0
20
40
60
80 100 120
VfIf
100
1000
10000
35
40
45
50
55
60
1800
4950
周囲温度-相対光束特性
Ambient Temperature vs
Relative Luminous Flux
IfIv
0.0
0.5
1.0
1.5
2.0
2.5
3.0
0
1000
2000
3000
4000
5000
6000
順電流-相対光束特性
Forward Current vs
Relative Luminous Flux
順電流
Forward Current(mA)
順電圧-順電流特性
Forward Voltage vs
Forward Current
周囲温度-順電圧特性
Ambient Temperature vs
Forward Voltage
順電圧
Forward Voltage(V)
周囲温度
Ambient Temperature(°C)
周囲温度
Ambient Temperature(°C)
T
A=25°C
* 本特性は参考です。
All characteristics shown are for reference only and are not guaranteed.
T
A=25°C
IFP=1800mA
IFP=1800mA
* 本特性は演色性ランクR70に対応しています。
The graphs above show the characteristics for R70 LEDs of this product.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com