Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NVELJ048Z Datasheet(PDF) 3 Page - NICHIA CORPORATION

Part # NVELJ048Z
Description  Built-in ESD Protection Device
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NICHIA [NICHIA CORPORATION]
Direct Link  http://www.nichia.co.jp
Logo NICHIA - NICHIA CORPORATION

NVELJ048Z Datasheet(HTML) 3 Page - NICHIA CORPORATION

  NVELJ048Z Datasheet HTML 1Page - NICHIA CORPORATION NVELJ048Z Datasheet HTML 2Page - NICHIA CORPORATION NVELJ048Z Datasheet HTML 3Page - NICHIA CORPORATION NVELJ048Z Datasheet HTML 4Page - NICHIA CORPORATION NVELJ048Z Datasheet HTML 5Page - NICHIA CORPORATION NVELJ048Z Datasheet HTML 6Page - NICHIA CORPORATION NVELJ048Z Datasheet HTML 7Page - NICHIA CORPORATION NVELJ048Z Datasheet HTML 8Page - NICHIA CORPORATION NVELJ048Z Datasheet HTML 9Page - NICHIA CORPORATION Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
NICHIA STS-DA1-3610A <Cat.No.150421>
2
RANKS
Item
Rank
Min
Max
Unit
Forward Voltage
-
43.4
51.0
V
Q0984
9840
12040
Q0975
9750
11930
Q0947
9470
11590
Q0929
9290
11370
Q0917
9170
11210
Q0906
9060
11080
Q0901
9010
11030
Q0870
8700
10640
Q0826
8260
10100
Q0792
7920
9680
Q0783
7830
9590
Q0765
7650
9370
Q0747
7470
9130
Q0721
7210
8830
Q0720
7200
8800
Luminous Flux
Q0692
6920
8460
lm
R70
Ra
70
-
-
Ra
80
-
-
R8000
R9
0
-
-
Ra
90
-
-
Color Rendering Index
R9050
R9
50
-
-
Color Ranks
Rank sm243
Rank sm273
Rank sm303
Rank sm353
Rank sm403
Rank sm453
x
0.4829
0.4578
0.4338
0.4073
0.3818
0.3611
Center Point
y
0.4144
0.4101
0.4030
0.3917
0.3797
0.3658
* Ranking at TC=25°C.
* Forward Voltage Tolerance: ±0.46V
* Luminous Flux Tolerance: ±7%
* Color Rendering Index Ra Tolerance: ±2
* Color Rendering Index R9 Tolerance: ±6.5
* The R9 value for the above rank shall be greater than 0.
* Chromaticity Coordinate Tolerance: ±0.005
* The color rank has a chromaticity range within a 3-step MacAdam ellipse.
* LEDs from the above ranks will be shipped.
The rank combination ratio per shipment will be decided by Nichia.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com