Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NVSW219C Datasheet(PDF) 6 Page - NICHIA CORPORATION

Part # NVSW219C
Description  Built-in ESD Protection Device
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NICHIA [NICHIA CORPORATION]
Direct Link  http://www.nichia.co.jp
Logo NICHIA - NICHIA CORPORATION

NVSW219C Datasheet(HTML) 6 Page - NICHIA CORPORATION

Back Button NVSW219C Datasheet HTML 2Page - NICHIA CORPORATION NVSW219C Datasheet HTML 3Page - NICHIA CORPORATION NVSW219C Datasheet HTML 4Page - NICHIA CORPORATION NVSW219C Datasheet HTML 5Page - NICHIA CORPORATION NVSW219C Datasheet HTML 6Page - NICHIA CORPORATION NVSW219C Datasheet HTML 7Page - NICHIA CORPORATION NVSW219C Datasheet HTML 8Page - NICHIA CORPORATION NVSW219C Datasheet HTML 9Page - NICHIA CORPORATION NVSW219C Datasheet HTML 10Page - NICHIA CORPORATION Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 23 page
background image
NICHIA STS-DA1-3555 <Cat.No.150227>
5
OUTLINE DIMENSIONS
STS-DA7-6926
NVSW219C
管理番号
No.
(単位 Unit: mm)
This product complies with RoHS Directive.
本製品は
RoHS指令に適合しております。
*
(単位 Unit: mm, 公差 Tolerance: ±0.2)
KA
保護素子
Protection Device
ダイヒートシンク
Die Heat Sink
項目
Item
パッケージ材質
Package Materials
封止樹脂材質
Encapsulating Resin
Materials
電極材質
Electrodes Materials
レンズ材質
Lens Materials
質量
Weight
内容
Description
セラミックス
Ceramics
シリコーン樹脂(蛍光体入り)
Silicone Resin(with phosphor)
金メッキ
Au-plated
シリコーン樹脂
Silicone Resin
0.030g(TYP)
ダイヒートシンク材質
Die Heat Sink
Materials
金メッキ
Au-plated
0.4
2.9
3.5
Cathode Mark
3.2
1.3
0.5
0.45
Anode
Cathode
Die Heat Sink
ダイヒートシンク



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com